Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 90 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 90 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 86Page - Microsemi Corporation VSC8658 Datasheet HTML 87Page - Microsemi Corporation VSC8658 Datasheet HTML 88Page - Microsemi Corporation VSC8658 Datasheet HTML 89Page - Microsemi Corporation VSC8658 Datasheet HTML 90Page - Microsemi Corporation VSC8658 Datasheet HTML 91Page - Microsemi Corporation VSC8658 Datasheet HTML 92Page - Microsemi Corporation VSC8658 Datasheet HTML 93Page - Microsemi Corporation VSC8658 Datasheet HTML 94Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 95 page
background image
Package Information
VMDS-10242 VSC8658 Datasheet Revision 4.1
82
8
Package Information
The VSC8658 device is available in two package types. VSC8658HJ is a 444-pin, thermally enhanced,
plastic ball grid array (BGA) with a 27 mm × 27 mm body size, 1 mm pin pitch, and a 2.36 mm maximum
height. The device is also available in a lead(Pb)-free package, VSC8658XHJ.
Lead(Pb)-free products from Microsemi comply with the temperatures and profiles defined in the joint
IPC and JEDEC standard IPC/JEDEC J-STD-020. For more information, see the IPC and JEDEC
standard.
This section provides the package drawing, thermal specifications, and moisture sensitivity rating for the
VSC8658 device.
8.1
Package Drawing
The following illustration shows the package drawing for the VSC8658 device. The drawing contains the
top view, bottom view, side view, dimensions, tolerances, and notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com