Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 34 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 34 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 30Page - Microsemi Corporation VSC8658 Datasheet HTML 31Page - Microsemi Corporation VSC8658 Datasheet HTML 32Page - Microsemi Corporation VSC8658 Datasheet HTML 33Page - Microsemi Corporation VSC8658 Datasheet HTML 34Page - Microsemi Corporation VSC8658 Datasheet HTML 35Page - Microsemi Corporation VSC8658 Datasheet HTML 36Page - Microsemi Corporation VSC8658 Datasheet HTML 37Page - Microsemi Corporation VSC8658 Datasheet HTML 38Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
26
5
Configuration
The VSC8658 device can be configured using three different methods:
•
Setting internal memory registers using the management interface
•
Setting a combination of CMODE pins and registers
•
Loading a configuration into an external EEPROM and connecting that device so that it writes
configuration information at system startup
5.1
Registers
This section provides information about how to configure the VSC8658 device using its internal memory
registers and the management interface. For information about configuring the device using the CMODE
pins, see CMODE, page 55. For information about setting up an external EEPROM to perform startup
configuration, see EEPROM, page 58.
The VSC8658 device uses three types of registers:
•
IEEE standard and main device registers with addresses from 0 to 31
•
Extended registers with addresses from 16E through 30E
•
General-purpose input and output (GPIO) registers with addresses from 0G to 30G
The following illustration shows the relationship between the device registers and their address spaces.
Figure 17 •
Register Space Diagram
5.1.1
Reserved Registers
For main registers 16 through 31, extended registers 16E through 30E, and GPIO registers 0G through
30G, any bits marked as “Reserved” should be processed as read only and their states as undefined.
IEEE 802.3
Standard Registers
Extended Registers
Main Registers
0x0000
0x0001
31
0
1
2
3
.
.
.
.
.
.
.
.
15
16
17
18
19
.
.
.
.
.
.
.
.
30
GPIO Registers
0x0010
0G
1G
2G
3G
.
.
.
.
.
.
.
.
15G
16G
.
.
.
.
.
.
.
.
.
.
.
30G
16E
17E
18E
19E
.
.
.
.
.
.
.
.
30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com