Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 71 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 71 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 67Page - Microsemi Corporation VSC8658 Datasheet HTML 68Page - Microsemi Corporation VSC8658 Datasheet HTML 69Page - Microsemi Corporation VSC8658 Datasheet HTML 70Page - Microsemi Corporation VSC8658 Datasheet HTML 71Page - Microsemi Corporation VSC8658 Datasheet HTML 72Page - Microsemi Corporation VSC8658 Datasheet HTML 73Page - Microsemi Corporation VSC8658 Datasheet HTML 74Page - Microsemi Corporation VSC8658 Datasheet HTML 75Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 95 page
background image
Electrical Specifications
VMDS-10242 VSC8658 Datasheet Revision 4.1
63
6.1.5
MAC and SerDes Outputs
For more information about the number and physical location of the MAC and SerDes output pins on the
VSC8658 device, see Pin Descriptions, page 72.
6.1.6
MAC and SerDes Inputs
For more information about the number and physical location of the MAC and SerDes input pins on the
VSC8658 device, see Pin Descriptions, page 72.
Input high voltage
VIH
2.1
3.6
V
Input low voltage
VIL
–0.3
0.9
V
Input leakage current
IILEAK
–42
42
µA
Internal resistor included
Output leakage current IOLEAK
–42
42
µA
Internal resistor included
Output low current
drive strength
IOL
8mA
Output high current
drive strength
IOH
–8
mA
Table 66 •
DC Characteristics for MAC_RDP/N_n and SER_DOP/N_n Pins
Parameter
Symbol Minimum
Typical
Maximum
Unit
Condition
Frequency lock time TLOCK
500
µs
Output differential
voltage
VODIFF
700
1000
1200
mV
Measured peak-to-
peak. Based on
100
Ω differential
load.
Output common-
mode voltage
VOCM
480
540
610
mV
VDD12A = 1.20 V.
Output rise time and
fall time (20% to
80%)
tr , tf
300
ps
Total jitter
TJ
185
260
ps
Measured peak-to-
peak. Uses K28.5
test pattern. Bit error
rate (BER) = 10–12.
Output low current
drive strength
IOL
8mA
Output high current
drive strength
IOH
–8
mA
Output driver
impedance per pin
ZO
50
Ω
Table 67 •
DC Characteristics for MAC_TDP/N_n and SER_DIP/N_n Pins
Parameter
Symbol Minimum
Maximum
Unit
Condition
Input differential voltage VIDIFF
120
2400
mV
Measured peak-to-peak.
Based on 100
Ω
differential load.
Table 65 •
DC Characteristics for Pins Referenced to VDD33 at 3.30 V (continued)
Parameter
Symbol Minimum
Maximum
Unit Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com