Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 40 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 40 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 36Page - Microsemi Corporation VSC8658 Datasheet HTML 37Page - Microsemi Corporation VSC8658 Datasheet HTML 38Page - Microsemi Corporation VSC8658 Datasheet HTML 39Page - Microsemi Corporation VSC8658 Datasheet HTML 40Page - Microsemi Corporation VSC8658 Datasheet HTML 41Page - Microsemi Corporation VSC8658 Datasheet HTML 42Page - Microsemi Corporation VSC8658 Datasheet HTML 43Page - Microsemi Corporation VSC8658 Datasheet HTML 44Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
32
5.2.7
Transmit Auto-Negotiation Next Page
The settings in register 7 in the main registers space provide information about the number of pages in
an auto-negotiation sequence. The following table shows the settings available.
5.2.8
Auto-Negotiation Link Partner Next Page Receive
The bits in register 8 of the main register space work together with register 7 to determine certain aspects
of the LP auto-negotiation. The following table shows the possible readouts.
5.2.9
1000BASE-T Control
The VSC8658 device’s 1000BASE-T functionality is controlled by the bits in register 9 of the main
register space. The following table shows the settings and readouts available.
Table 18 •
Auto-Negotiation Next Page Transmit, Address 7 (0x07)
Bit
Name
Access
Description
Default
15
Next page
R/W
1 = More pages follow
0
14
Reserved
RO
0
13
Message page
R/W
1 = Message page
0 = Unformatted page
1
12
Acknowledge 2
R/W
1 = Complies with request
0 = Cannot comply with request
0
11
Toggle
RO
1 = Previous transmitted LCW = 0
0 = Previous transmitted LCW = 1
0
10:0
Message
/unformatted code
R/W
00000000
001
Table 19 •
Auto-Negotiation LP Next Page Receive, Address 8 (0x08)
Bit
Name
Access
Description
Default
15
LP next page
RO
1 = More pages follow
0
14
Acknowledge
RO
1 = LP acknowledge
0
13
LP message page
RO
1 = Message page
0 = Unformatted page
0
12
LP Acknowledge 2
RO
1 = LP complies with request
0
11
LP toggle
RO
1 = Previous transmitted LCW = 0
0 = Previous transmitted LCW = 1
0
10:0
LP message
/unformatted code
RO
00000000000
Table 20 •
1000BASE-T Control, Address 9 (0x09)
Bit
Name
Access Description
Default
15:13
Transmitter test
mode
R/W
000 = Normal.
001 = Mode 1: Transmit waveform test.
010 = Mode 2: Transmit jitter test as master.
011 = Mode 3: Transmit jitter test as slave.
100 = Mode 4: Transmitter distortion test.
101 to 111 = Reserved: Operation not defined.
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com