Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 12 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 8Page - Microsemi Corporation VSC8658 Datasheet HTML 9Page - Microsemi Corporation VSC8658 Datasheet HTML 10Page - Microsemi Corporation VSC8658 Datasheet HTML 11Page - Microsemi Corporation VSC8658 Datasheet HTML 12Page - Microsemi Corporation VSC8658 Datasheet HTML 13Page - Microsemi Corporation VSC8658 Datasheet HTML 14Page - Microsemi Corporation VSC8658 Datasheet HTML 15Page - Microsemi Corporation VSC8658 Datasheet HTML 16Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 95 page
background image
Product Overview
VMDS-10242 VSC8658 Datasheet Revision 4.1
4
3
Product Overview
The VSC8658 device is a low-power, octal Gigabit Ethernet transceiver with dual, fully integrated
1.25 Gbps SerDes interfaces. It is designed for use in applications, such as multiport switches and
routers, where its compact ball grid array (BGA) packaging, low electromagnetic interference (EMI) line
driver, and integrated line side termination resistors conserve both power and PC board space. Using the
VSC8658 device in your design makes it possible to lower the component count of your PC board, sub-
assembly, or device without sacrificing chip-centric capabilities or utility. This feature can make it less
expensive to produce and more cost-effective to deploy.
Microsemi’s mixed signal and digital signal processing (DSP) architecture—a key operational feature of
the VSC8658 device—assures robust performance even under less-than-favorable environmental
conditions. It supports both half-duplex and full-duplex 10BASE-T, 100BASE-TX, and 1000BASE-T
communication speeds over Category 5 (Cat5) unshielded twisted pair (UTP) cable at distances greater
than 140 m, displaying excellent tolerance to NEXT, FEXT, echo, and other types of ambient
environment and system electronic noise. This device also supports 100BASE-FX and 1000BASE-X to
connect to fiber modules, such as GBICs and SFPs.
The following illustration shows a high-level, generic view of a VSC8658 application.
Figure 1 •
Typical Application
3.1
Features and Benefits
This section lists key aspects of the VSC8658 device functionality and design that distinguish it from
similar products.
Table 1 •
Features and Benefits
Feature
Benefit
650 mW per port power consumption (when configured
for 1000BASE-T operation)
Lowers system cost by eliminating the need for extra
heat-dissipating and power-processing components;
simplifies system design
27 mm x 27 mm, 444-pin BGA packaging
Facilitates single row, high port density switch designs
Patented, low EMI line driver with integrated line side
termination resistors
Eliminates the need for as many as 384 passive
components in 48-port switch applications
Auto-Media Sense™ capability configurable per-port
Detects and automatically configures a port for operation
with copper or fiber media; auto-enables
10/100/1000BASE-T fixed media ports, 100BASE-FX
SFPs, 1000BASE-X SFPs, 1000BASE-T SFPs, triple-
speed SFPs, or backplanes
1.2 V
3.3 V
SGMII, SerDes
VSC8658
Octal
10/100/1000BASE-T
100BASE-FX/1000BASE-X
Gigabit Ethernet
Transceiver PHY
10/100/1000 Mbps Ethernet MAC
10/100/1000 Mbps Ethernet MAC
10/100/1000 Mbps Ethernet MAC
Optics / SFP
RJ-45 and Magnetics
RJ-45 and Magnetics
Optics / SFP
RJ-45 and Magnetics
SerDes
SerDes
SerDes
Optics / SFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com