Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 35 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 35 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 31Page - Microsemi Corporation VSC8658 Datasheet HTML 32Page - Microsemi Corporation VSC8658 Datasheet HTML 33Page - Microsemi Corporation VSC8658 Datasheet HTML 34Page - Microsemi Corporation VSC8658 Datasheet HTML 35Page - Microsemi Corporation VSC8658 Datasheet HTML 36Page - Microsemi Corporation VSC8658 Datasheet HTML 37Page - Microsemi Corporation VSC8658 Datasheet HTML 38Page - Microsemi Corporation VSC8658 Datasheet HTML 39Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
27
5.1.2
Reserved Bits
In writing to registers with reserved bits, use a “read-modify-then-write” technique, where the entire
register is read but only the intended bits to be changed are modified. Reserved bits cannot be changed
and their read state cannot be considered static or unchanging.
5.2
IEEE Standard and Main Registers
In the VSC8658 device, the page space of the standard registers consists of the IEEE standard registers
and the Microsemi standard registers. The following table lists the names of the registers associated with
the addresses as dictated by the IEEE standard.
The following table lists the names of the registers in the main page space of the device. These registers
are accessible only when register address 31 is set to 0x0000.
Table 9 •
IEEE 802.3 Standard Registers
Register Address
Register Name
0
Mode control
1
Mode status
2
PHY identifier 1
3
PHY identifier 2
4
Auto-negotiation advertisement
5
Auto-negotiation link partner ability
6
Auto-negotiation expansion
7
Auto-negotiation next-page transmit
8
Auto-negotiation link partner next-page receive
9
1000BASE-T control
10
1000BASE-T status
11
Reserved
12
Reserved
13
Reserved
14
Reserved
15
1000BASE-T status extension 1
Table 10 •
Main Registers
Register Address
Register Name
16
100BASE-TX status extension
17
1000BASE-T status extension 2
18
Bypass control
19
Reserved
20
Reserved
21
Reserved
22
Extended control and status
23
Extended PHY control 1
24
Extended PHY control 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com