Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 16 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 16 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 12Page - Microsemi Corporation VSC8658 Datasheet HTML 13Page - Microsemi Corporation VSC8658 Datasheet HTML 14Page - Microsemi Corporation VSC8658 Datasheet HTML 15Page - Microsemi Corporation VSC8658 Datasheet HTML 16Page - Microsemi Corporation VSC8658 Datasheet HTML 17Page - Microsemi Corporation VSC8658 Datasheet HTML 18Page - Microsemi Corporation VSC8658 Datasheet HTML 19Page - Microsemi Corporation VSC8658 Datasheet HTML 20Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 95 page
background image
Functional Descriptions
VMDS-10242 VSC8658 Datasheet Revision 4.1
8
4.1.1
SerDes MAC-to-Cat5 Mode MAC Interface
When connected to a SerDes MAC, the VSC8658 device provides data throughput at a rate of
1000 Mbps only; 10 Mbps and 100 Mbps rates are not supported. To configure the device for operation in
this mode, select the 1000BASE-T-only setting in the registers, using the CMODE pin, or in the external
EEPROM startup sequence.
For information about using the device registers to configure the VSC8658 device for operation in
SerDes MAC-to-Cat5 mode, see Mode Control, page 28.
For information about the device CMODE pins, see CMODE, page 55.
For information about using an EEPROM with the VSC8658 device, see EEPROM, page 58.
The following illustration shows a typical connection of the VSC8658 device to a SerDes MAC.
Figure 3 •
SerDes MAC Interface
4.1.2
SGMII MAC-to-Cat5 Mode MAC Interface
When configured to detect and switch between 10BASE-T, 100BASE-T, and 1000BASE-T data rates, the
VSC8658 device can be connected to an SGMII-compatible MAC.
For information about using the device registers to configure the VSC8658 device for operation in
SerDes MAC-to-Cat5 Mode, see Mode Control, page 28.
For information about the device CMODE pins, see CMODE, page 55.
For information about using an EEPROM with the VSC8658 device, see EEPROM, page 58.
The following illustration shows a typical connection of the VSC8658 device to an SGMII-compatible
MAC.
SerDes MAC with AMS and Pass-Through
1000BASE-T
Only
Yes(1)
1000BASE-T
only(1)
SGMII MAC with AMS and Pass-Through
Yes
Yes(1)
Yes(1)
1.
The MAC used must be capable of supporting this media.
Table 2 •
Operating Mode vs. Speed (continued)
VSC8658 Mode
10/100/1000BAS
E-T Support
1000BASE-X
Fiber Optic
Support
100BASE-FX
Support
10/100/
1000BASE-T
Copper SFP
Support
SerDes MAC
VSC8658
PHY Port_n
MAC_TDP
MAC_TDN
MAC_RDN
MAC_RDP
RDN
RDP
TDN
TDP
100
Ω
or
150
Ω
0.1 µF
0.1 µF
100
Ω
or
150
Ω
100
Ω
or
150
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com