Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 125 page
background image
Data Sheet
ADIN2111
ON-CHIP DIAGNOSTICS
analog.com
Rev. 0 | 27 of 125
LOOPBACK MODES
Each of the two PHY cores on the ADIN2111 provides the following
loopback modes:
►
Physical medium attachment (PMA) loopback
►
Physical coding sublayer (PCS) loopback
►
MAC interface loopback
►
MAC interface remote loopback
►
MAC loopback
►
Host processor loopback
These loopback modes test and verify various functional blocks
within each PHY. The use of a frame generator and frame checkers
allows completely self contained in-circuit testing of the digital and
analog datapaths within each PHY core.
PMA Loopback
The PHY 1 and PHY 2 can be configured in PMA loopback mode.
In that case, the MDI must be left open circuit, thereby transmitting
into an unterminated connector or cable. In this mode, the signal
transmitted from the respective ADIN2111 PHY is echoed back from
the open 10BASE-T1L MDI. This test mode is an implementation
of the PMA local loopback function defined in Subclause 146.5.6 of
the IEEE Standard 802.3cg. Remove any cable connected to the
MDI to improve the test mode accuracy.
If configured in PMA loopback mode, the respective PHY must
be configured in forced link configuration mode (autonegotiation
disabled). To enable PMA loopback mode, set the 10BASE-T1L
PMA loopback enable bit ( B10L_LB_PMA_LOC_EN ) to 1 in the
10BASE-T1L PMA control register (B10L_PMA_CNTRL) of the
respective PHY.
PCS Loopback
PCS loopback mode loops the transmit data back to the receiver
within the PCS block at the input stage of the PHY 1 (respectively
PHY 2) digital block. Setting the B10L_LB_PCS_EN bit to 1 in the
10BASE-T1L PCS control register (B10L_PCS_CNTRL) on PHY
1 (respectively PHY 2) enables PCS loopback mode on PHY 1
(respectively PHY 2).
When the PCS loopback mode is enabled on PHY 1 (respectively
PHY 2), no signal is transmitted to the PHY 1 (respectively PHY 2)
MDI pins.
MAC Interface Loopback
MAC interface loopback mode loops the data received on the
ADIN2111 PHY 1 (respectively PHY 2) MAC interface back to
the SPI host, and can therefore be used to verify MAC interface
connectivity. Set the MAC_IF_LB_EN bit in the MAC interface loop-
backs configuration register (MAC_IF_LOOPBACK) to 1 on PHY 1
(respectively PHY 2) to enable MAC interface loopback mode on
PHY 1 (respectively PHY 2).
If the MAC_IF_LB_TX_SUP_EN bit in MAC_IF_LOOPBACK is set
(enabled by default) on PHY 1 (respectively PHY 2), the transmis-
sion of the signal received on the PHY MAC interface is not
transferred to the ADIN2111 PHY 1 (respectively PHY 2) core.
MAC Interface Remote Loopback
MAC interface remote loopback mode requires a link up with
a remote PHY and enables looping of the data received on
the ADIN2111 PHY 1 (respectively PHY 2) to the remote PHY.
This linking allows a remote PHY to verify a complete link
by ensuring that the PHY receives the proper data. Set the
MAC_IF_REM_LB_EN bit in the MAC interface loopbacks configu-
ration register (MAC_IF_LOOPBACK) to 1 on PHY 1 (respectively
PHY 2) to enable MAC interface remote loopback mode.
If the MAC_IF_REM_LB_RX_SUP_EN bit in MAC_IF_LOOPBACK
is set (set by default), the data received by the ADIN2111 PHY 1
(respectively PHY 2) from the MDI pins is not transferred to the
ADIN2111 MAC.
MAC Loopback
MAC loopback mode loops the data received on the MAC transmit
channel of Port 1 or Port 2 back to the SPI host.
MAC loopback mode can be enabled on PORT1 by setting the
MAC loopback bit (P1_LOOPBACK_EN) to 1 in the P1 MAC loop-
back enable register (P1_LOOP).
MAC loopback mode can be enabled on PORT2 by setting the
MAC loopback bit (P2_LOOPBACK_EN) to 1 in the P2 MAC loop-
back enable register (P2_LOOP).
Host Processor Loopback
Outside of the loopback modes associated with the PHY cores
within the ADIN2111, the host processor can be used to create a full
MAC loopback. In a full MAC loopback, whatever frame is received
from the MAC is transmitted back to the MAC, as shown in Figure
10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com