Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 125 page
background image
Data Sheet
ADIN2111
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 8 of 125
Figure 4. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic1
PU/PD2
Description
Clock Interface
1
P2_CLK_IN
N/A
Single-Ended 25 MHz Reference Clock Dedicated to Port 2 PHY. This pin must be
connected to an external, single-ended 25 MHz reference clock, or to the CLK25_REF pin
(Pin 22), which provides a 25 MHz clock.
22
CLK25_REF
N/A
Analog Reference Clock Output. The 25 MHz reference clock from the crystal oscillator is
available on the CLK25_REF pin. The 25 MHz clock output is briefly disabled (logic low)
following a software reset (25 ms) or a hardware reset (70 ms). See the Reset Operations
section for more details.
23
XTAL_I/CLK_IN
N/A
Main Crystal/Single-Ended 25 MHz Reference Clock Input. This pin must be connected to
an external, single-ended 25 MHz reference clock. This clock source is also used by Port
1 PHY.
24
XTAL_O
N/A
Main Crystal Output. If using a single-ended reference clock on XTAL_I/CLK_IN, leave
XTAL_O open circuit. See the External Clock Input section.
SPI
39
INT
PU
Interrupt Pin Output. Open-drain, active low output. A low on INT indicates an unmasked
management interrupt. This pin requires a 1.5 kΩ pull-up resistor to VDDIO.
42
SDI
PD
Serial Data Input. Data is clocked in on the SDI pin on each rising edge.
43
SDO/SPI_CFG0
PD
Serial Data Output (SDO). Data is clocked out on the SDO pin on each falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com