Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 125 page
background image
Data Sheet
ADIN2111
SWITCH SPI
analog.com
Rev. 0 | 38 of 125
Table 34. Frame Header
D15 to D11
D10
D9 to D8
D7 to D6
D5 to D4
D3
D2
D1
D0
Reserved
Priority
Reserved
EGRESS_CAPTURE
Reserved
TIME_STAMP_PARITY
TIME_STAMP_PRESENT
Reserved
Port
See the following definitions:
►
Priority: indicates which priority queue the frame was received
from. Not used on transmit. Set 0 in transmitted frames.
►
EGRESS_CAPTURE: capture an egress time stamp into the
host readable egress time registers, as follows:
►
00: no action.
►
01: capture in the pair of the TTSCAL and TTSCAH registers.
The TTSCAA bits in the STATUS0 register assert when cap-
tured.
►
10: capture in the pair of the TTSCBL and TTSCBH registers.
The TTSCAB bits in the STATUS0 register assert when cap-
tured.
►
11: capture in the pair of the TTSCCL and TTSCCH registers.
The TTSCAC bits in the STATUS0 register assert when cap-
tured.
►
TIME_STAMP_PARITY: odd parity for the appended time stamp.
Not used on transmit. Set to 0 in transmitted frames.
►
TIME_STAMP_PRESENT: on receive, the first four bytes or eight
bytes of data contain the time stamp for the frame. Not used on
transmit. Set to 0 in transmitted frames.
►
Reserved: always set to 0.
Receive Frame over SPI
The following procedure (which applies to Port 1 and Port 2) must
be followed to receive an Ethernet frame when using the generic
SPI protocol in store and forward mode (the ADIN2111 operates in
store and forward mode by default):
1. Set the Px_RX_RDY_MASK bit to 0 to enable an interrupt when
a full frame is received.
2. If the Px_RX_RDY bit is asserted, read the MAC receive frame
size register to determine the size of the received frame.
3. Read the frame via the MAC receive register. It is possible to
burst read the entire frame or split it up into multiple smaller
burst reads. The first byte of the received frame is returned
in Px_RX, Bits[31:24]. The burst read transaction must be a
multiple of four bytes. Some of the last four bytes are padded
with 0s if the frame is not a multiple of four bytes in size.
4. Read Px_RX_RDY again. If the value of the bit is 1, another
frame is available to read. Repeat from Step 3.
Cut Through
The generic SPI protocol supports cut through mode for transmit
operations.
Before transmitting any frames, write 1 to the transmit cut through
enable bits.
The threshold at which the frame transmit starts can be
modified via the host transmit start threshold in cut through
bit (HOST_TX_THRESH) in the transmit threshold register
(TX_THRESH). This bit a default value of 1. Therefore, by default,
transmit starts immediately on writing to the host transmit FIFO.
To ensure that the frame transmission does not under run, the host
transmit FIFO has to be written at a rate greater than 10 Mbps. If
the frame under runs, the host transmit under run error bit asserts.
Generic SPI Errors
Generic SPI CRC Error
If an SPI CRC error occurs on a write to a register, the register is
not written.
If the write is to the transmit register, the transmit FIFO is missing
data and must be cleared by the host. Similarly, a read of the
receive register has missing data in the receive frame, and the
FIFO must be cleared.
If the errored transaction was a write to a configuration register, the
SPI host must issue the write again. If the software does not know
which configuration, reset the MAC by writing the RST_MAC_ONLY
keys to the SOFT_RST register.
Generic SPI Transmit Protocol Error (TXPE)
TXPE asserts when the TX_FSIZE register is written, but the MAC
still expects further writes to the transmit register related to the
previous frame size written to the TX_FSIZE register. This error
does not occur in the normal operation and indicates an issue
with the software driver, for example, two consecutive writes to the
TX_FSIZE register without any writes to the transmit register.
In response to the assertion of TXPE, the host must clear the
transmit FIFO.
OPEN ALLIANCE SPI PROTOCOL
The OPEN Alliance SPI protocol Version 1.0 can transfer data
over the SPI using full duplex operation, achieving a 10-Mbps
bidirectional frame transfer with an SPI clock frequency in the
region of 12 MHz to 16 MHz or greater.
The ADIN2111 supports the following OPEN Alliance SPI capabili-
ties. See the supported capabilities register (CAPABILITY) for more
details:
►
Transmit FCS validation
►
Cut through
►
IEEE 1588 time stamp capture on transmit and receive
►
Minimum supported chunk size is 8 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com