Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 54 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 54 of 125
Table 45. Bit Descriptions for CAPABILITY
Bits
Bit Name
Description
Reset
Access
0: Tx data chunk sequence and retry is not supported.
3
RESERVED
Reserved.
0x0
R
[2:0]
MINCPS
Minimum Supported Chunk Payload Size. Minimum supported chunk payload size. Indicates the minimum size
chunk payload that may be configured into the CPS field of the CONFIG0 register. The minimum supported
chunk payload Size is 2N, where N is the value of this bit field.
0x3
R
This field is only used with the OPEN Alliance SPI protocol.
110: minimum supported chunk payload size is 64 bytes.
101: minimum supported chunk payload size is 32 bytes.
100: minimum supported chunk payload size is 16 bytes.
011: minimum supported chunk payload size is 8 bytes.
Reset Control and Status Register
Address: 0x03, Reset: 0x00000000, Name: RESET
Table 46. Bit Descriptions for RESET
Bits
Bit Name
Description
Reset
Access
[31:1]
RESERVED
Reserved.
0x0
R
0
SWRESET
MACPHY Software Reset. Writing a 1 to this bit fully resets the MACPHY, including the integrated PHY, to an
initial state including but not limited to resetting all state machines and registers to their default value. When this
bit is set, the reset does not occur until CS is deasserted to allow for the control command write to complete. CS
must be held asserted for at least 100 ns for the reset to take effect. This bit is self clearing.
0x0
W
Configuration Register 0
Address: 0x04, Reset: 0x00000006, Name: CONFIG0
Table 47. Bit Descriptions for CONFIG0
Bits
Bit Name
Description
Reset
Access
[31:16]
RESERVED
Reserved.
0x0
R
15
SYNC
Configuration Synchronization. The state of this bit is reflected in the Rx footer SYNC bit. This bit defaults to 0
upon reset. Once written to a 1 by the SPI host, writing 0 does not clear this bit.
0x0
R/W1S
Immediately after any reset the SYNC bit clears to 0, RESETC is set to 1, and the interrupt pin asserts.
0: the MACPHY reset and is not configured.
1: the MACPHY is configured.
14
TXFCSVE
Transmit Frame Check Sequence Validation Enable. When set, the final four octets of all Ethernet frames
received are validated. CRC_APPEND must be 0 if this bit is set. That is, the MAC must not be configured to
append a CRC to each transmitted frame.
0x0
R/W
13
CSARFE
CS Align Receive Frame Enable. When set, all receive Ethernet frames data starts only at the beginning of
the first receive chunk payload following CS assertion. The start word offset (SWO) is always zero. Receive
frames can begin within any receive chunk when this bit is clear. Only applies to the OA SPI protocol.
0x0
R/W
12
ZARFE
Zero Align Receive Frame Enable. When set, all receive Ethernet frames data is aligned to start at the
beginning of the receive chunk payload with an SWO of zero. Receive frames can begin anywhere within the
receive chunk payload when this bit is clear. Only applies to the Open Alliance SPI protocol.
0x0
R/W
[11:10]
TXCTHRESH
Transmit Credit Threshold. This field configures the number of transmit credits (TXC) of free buffer that must
be available for writing before INT asserts. Only applies to the OA SPI Protocol.
0x0
R/W
00: ≥ 1 credit.
01: ≥ 4 credits.
10: ≥ 8 credits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com