Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADIN2111BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 125 page
background image
Data Sheet
ADIN2111
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 125
Table 1. General Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLK25_REF Frequency Tolerance
−50
+50
ppm
Long-Term Jitter (RMS)
40
ps
1 Load capacitance (CL) = ((C1 × C2)/(C1 + C2) + CSTRAY), where CSTRAY is the stray capacitance including routing and package parasitics.
2 RP and CP are the values of the equivalent parallel RC circuit to ac ground (RP||CP), modeling the driving point impedance of the XTAL_I/CLK_IN pin.
Table 2. 10BASE-T1L Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER REQUIREMENTS
Supply Voltage Range
AVDD_H
3.13
3.3
3.46
V
2.4 V p-p or 1.0 V p-p transmit level
AVDD_L
1.71
1.8 or 3.3
3.46
V
DVDD1_1P1, DVDD2_1P1
1.0
1.1
1.2
V
VDDIO
1.71
1.8, 2.5, or 3.3
3.46
V
1.0 V p-p Transmit Level (Single Supply)
AVDD_H = AVDD_L = VDDIO = 1.8 V, DVDD_1P1 = DLDO_1P1
AVDD_H/AVDD_L/VDDIO Supply Current
(IAVDD_H/ IAVDD_L/IVDDIO)
50
mA
Measured current (Imeasured) = IAVDD_H + IAVDD_L + IVDDIO
Power Consumption
90
mW
100% data throughput, full activity
22
mW
Software power-down mode
1.0 V p-p Transmit Level (Dual Supply)
AVDD_H = AVDD_L = VDDIO = 1.8 V, DVDD_1P1 = external 1.1 V
AVDD_H/AVDD_L/VDDIO Supply Current
30
mA
Imeasured = IAVDD_H + IAVDD_L + IVDDIO
DVDD Supply Current (IDVDD)
20
mA
Supply for DVDD1_1P1 and DVDD2_1P1 pins, Imeasured = IDVDD
Power Consumption
77
mW
100% data throughput, full activity
2.4 V p-p Transmit Level (Single Supply)
AVDD_H = AVDD_L = VDDIO = 3.3 V, DVDD_1P1 = DLDO_1P1
AVDD_H/AVDD_L/VDDIO Supply Current
65
mA
Imeasured = IAVDD_H + IAVDD_L + IVDDIO
Power Consumption
215
mW
100% data throughput, full activity
44
mW
Software power-down mode
2.4 V p-p Transmit Level (Dual Supply)
AVDD_H = 3.3 V, AVDD_L = VDDIO = 1.8 V, DVDD_1P1 =
DLDO_1P1
AVDD_H Supply Current
32.5
mA
Imeasured = IAVDD_H
AVDD_L/VDDIO Supply Current
30
mA
Imeasured= IAVDD_L + IVDDIO
Power Consumption
162
mW
100% data throughput, full activity
22
mW
Software power-down mode
2.4 V p-p Transmit Level (Triple Supply)
AVDD_H = 3.3 V, AVDD_L = VDDIO = 1.8 V, DVDD_1P1 = external
1.1 V
AVDD_H Supply Current
33
mA
Imeasured = IAVDD_H
AVDD_L/VDDIO Supply Current
10
mA
Imeasured = IAVDD_L + IVDDIO
DVDD Supply Current
20
mA
External supply for DVDD1_1P1 and DVDD2_1P1 pins, Imeasured =
IDVDD
Power Consumption
149
mW
100% data throughput, full activity
TIMING/LATENCY
Port to Port Latency
PHY Rx
6.4
μs
PHY 1 or PHY 2 Rx latency
Switch
12.6
μs
PHY Tx
3.2
μs
PHY 1 or PHY 2 Tx latency
Total Latency
22.2
μs
System/PHY 1 Reset to Standby Delay
50
ms
Delay after RESET pin released; internal MAC registers and Port 1
PHY registers accessible
PHY 2 Reset to Standby Delay
90
ms
Delay after RESET pin released and Port 2 PHY registers accessible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com