Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 125 page
background image
Data Sheet
ADIN2111
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 31 of 125
SYSTEM LEVEL POWER MANAGEMENT
Transmit Level = 1.0 V p-p
The 1.0 V p-p transmit operating mode supports the spur use case
and can operate at a lower AVDD_H supply voltage of 1.8 V. This
mode supports intrinsic safe applications.
For applications where the ADIN2111 PHY 1 (respectively PHY
2) must operate in 1.0 V p-p transmit operating mode, the
P1_TX2P4_EN (respectively P2_TX2P4_EN) pin signal must be
tied high via a 4.7 kΩ resistor (see Figure 12 ). This configuration
forces the ADIN2111 to only operate in 1.0 V p-p transmit operating
mode and enables the ADIN2111 PHY 1 (respectively PHY 2) to
operate from a signal supply voltage at a lower voltage rail (for
example, 1.8 V), allowing the user to minimize power dissipation in
the system.
Figure 12. Supplies and Capacitors for Forced 1 V p-p Transmit Mode
Transmit Level = 2.4 V p-p
The higher transmit operating mode of 2.4 V p-p supports trunk
applications and requires a higher AVDD_H supply voltage of 3.3
V. This mode can be used for longer cable lengths in industrial
Ethernet environments with high noise levels.
For the ADIN2111 PHY 1 (respectively PHY 2) to be able to operate
at 2.4 V p-p, the P1_TX2P4_EN (respectively P2_TX2P4_EN) pin
signal must be held low (the pin has an internal pull-down resistor).
This mode of operation still allows the 1.0 V p-p operating mode to
be selected via SPI or autonegotiation.
Multiple Supplies Configuration
Figure 13 shows an overview of the proposed power configuration.
Note that this configuration requires that AVDD_H = 3.3 V even if
the link is established in 1.0 V p-p transmit operating mode via SPI
or autonegotiation.
Figure 13. Supplies and Capacitors for Multiple Supply 2.4 V p-p and 1.0 V
p-p Transmit Mode
Single-Supply Configuration
For single-supply operation, the same rail can be used to supply
the ADIN2111 AVDD_H, AVDD_L, and VDDIO supply rails. The
DVDDx_1P1 1.1 V rails can be derived internally or alternatively
provided by an external 1.1 V rail. This configuration is shown in
Figure 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com