Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 125 page
background image
Data Sheet
ADIN2111
THEORY OF OPERATION
analog.com
Rev. 0 | 20 of 125
POWER-DOWN MODES
The ADIN2111 supports the following two power-down modes.
►
Hardware power-down
►
Software power-down
Hardware power-down mode achieves the lowest power consump-
tion. In this mode, the ADIN2111 is fully turned off and the SPI and
the two PHY registers are not accessible.
Hardware Power-Down Mode
The hardware power-down mode can be used when no operation
is required on the ADIN2111 and the power consumption needs to
be minimized. The device enters hardware power-down mode when
the RESET pin is asserted and held low. In this mode, all analog
and digital circuits are disabled, the clocks are gated off, and all
the I/O pins are held in tristate mode. In this mode, the ADIN2111
power consumption is equivalent to the internal circuit leakage. The
internal registers are not accessible in this mode.
Software Power-Down Mode
Software power-down mode can be used on each PHY to configure
the ADIN2111 registers before bringing a link up. In this mode, the
PHY 1 (respectively PHY 2) analog and digital circuits are in a low
power state, and the PLL is active and can provide output clocks if
configured to do so. Any signals exposed to the MDI pins, P1_TXP
and P1_TXN (respectively P2_TXP, P2_TXN), are ignored and any
active link on the respective PHY is dropped. The SPI registers are
accessible, and the device can be configured using software.
The PHY 1 (respectively PHY 2) can be configured to automati-
cally enter software power-down mode after power-up, hardware
reset, or software reset using the P1_SWPD_EN (respectively
P2_SWPD_EN) hardware configuration pin signal. The ADIN2111
can also be instructed to enter software power-down mode by set-
ting the software power-down bit (CRSM_SFT_PD) in the software
power-down control register (CRSM_SFT_PD_CNTRL) within the
respective PHY.
The software power-down status bit (CRSM_SFT_PD_RDY) in the
system status register (CRSM_STAT) indicates that the respective
PHY is in software power-down mode.
The ADIN2111 PHY 1 (respectively PHY 2) exits software power-
down mode when the CRSM_SFT_PD bit is cleared within the
respective PHY. After exiting software power-down, and if autone-
gotiation is completed, the PHY 1 (respectively PHY 2) attempts to
bring a link up.
Note that it is necessary to bring PHY 1 out of software power-down
mode to establish a link on PHY 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com