Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 125 page
background image
Data Sheet
ADIN2111
ON-CHIP DIAGNOSTICS
analog.com
Rev. 0 | 30 of 125
TEST MODES
The ADIN2111 provides several test modes for each PHY as descri-
bed in Subclause 146.5.2 from the IEEE 802.3cg-2019 standard
that allows testing of the transmitter waveform, distortion, jitter, and
droop. These test modes change only the data symbols provided
to the transmitter circuitry and do not alter the electrical and jitter
characteristics of the transmitter and receiver from the normal
operation.
Additionally, the ADIN2111 supports the transmit disable mode as
described in Subclause 45.2.1.186a.2.
Table 24. ADIN2111 Test Modes Summary
Test Mode
Description
PMA Test Modes
(Subclause 146.5.2)
Test Mode 1
Transmitter output voltage and timing jitter test mode.
When this mode is selected, the ADIN2111 repeatedly
transmits the data symbol sequence (+1, –1).
Test Mode 2
Transmitter output droop test mode. In this mode, the
ADIN2111 transmits ten +1 symbols followed by ten
−1 symbols. This sequence is repeated indefinitely.
Test Mode 3
Normal operation in idle mode test mode. In this
mode, the ADIN2111 transmits as in a nontest opera-
tion and in the master data mode with the data set to
normal interframe idle signals.
Transmit Disable Mode
(Subclause 45.2.1.186a.2)
Both transmit and receive paths act like in normal
operation mode, but only transmit 0 symbols. This
mode can be used to measure the MDI return loss
specified in Subclause 146.8.3.
Enable the PMA Test Mode 1 to Test Mode 3
Each of the ADIN2111 PHYs can be configured in one of the
PMA test modes (Test Mode 1 to Test Mode 3) using the following
procedure:
1. Enter software power-down mode by writing a 1 to the
CRSM_SFT_PD bit in the software power-down control register
(CRSM_SFT_PD_CNTRL).
2. Check that the ADIN2111 has entered software power-down
mode by reading the CRSM_SFT_PD_RDY bit in the system
status register (CRSM_STAT).
3. Disable autonegotiation by writing a 0 to the AN_EN bit in the
BASE-T1 autonegotiation control register (AN_CONTROL).
4. Set autonegotiation forced mode by writing a 1 to the
AN_FRC_MODE_EN bit in the autonegotiation force mode ena-
ble register (AN_FRC_MODE_EN).
5. Select the desired test mode by writing the appropriate value to
the B10L_TX_TEST_MODE bits in the 10BASE-T1L test mode
control register (B10L_TEST_MODE_CNTRL).
6. Exit software power-down mode by writing 0 to the
CRSM_SFT_PD bit in the software power-down control register
(CRSM_SFT_PD_CNTRL).
Table 25. PMA Test Modes Configuration
PMA Test Mode
B10L_TX_TEST_MODE, Bits[15:13] (Binary)
Test Mode 1
001
Test Mode 2
010
Test Mode 3
011
Enable Transmit Disable Mode
Each of the ADIN2111 PHYs can be configured in transmit disable
mode using the following procedure:
1. Enter software power-down mode by writing a 1 to the
CRSM_SFT_PD bit in the software power-down control register
(CRSM_SFT_PD_CNTRL).
2. Check that the ADIN2111 has entered the software power-down
mode by reading the CRSM_SFT_PD_RDY bit in the system
status register (CRSM_STAT).
3. Disable autonegotiation by writing a 0 to the AN_EN bit in the
BASE-T1 autonegotiation control register (AN_CONTROL).
4. Set autonegotiation forced mode by writing a 1 to the
AN_FRC_MODE_EN bit in the autonegotiation force mode ena-
ble register (AN_FRC_MODE_EN).
5. Set the transmit disable mode by writing a 1 to the
B10L_TX_DIS_MODE_EN bit in the 10BASE-T1L PMA control
register (B10L_PMA_CNTRL).
6. Exit software power-down mode by writing 0 to the
CRSM_SFT_PD bit in the software power-down control register
(CRSM_SFT_PD_CNTRL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com