Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADIN2111BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 125 page
background image
Data Sheet
ADIN2111
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 125
AVDD_H = AVDD_L = VDDIO = 3.3 V, DVDD_1P1 from internal low dropout (LDO) regulator (DVDD_1P1 = DLDO_1P1), and all specifications
at −40°C to +105°C, unless otherwise noted.
Table 1. General Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL INPUTS/OUTPUTS
Applies to the SPI pins, INT, RESET, and Px_LED_0 and
Px_LED_1 pins
VDDIO = 3.3 V
Input Low Voltage (VIL)
0.8
V
Input High Voltage (VIH)
2.0
V
Output Low Voltage (VOL)
0.4
V
Output low current (IOL) (minimum) = 2 mA
Output High Voltage (VOH)
2.4
V
Output high current (IOH) (minimum) = 2 mA
VDDIO = 2.5 V
VIL
0.7
V
VIH
1.7
V
VOL
0.4
V
IOL (minimum) = 2 mA
VOH
2.0
V
IOH (minimum) = 2 mA
VDDIO = 1.8 V
VIL
0.3 × VDDIO
V
VIH
0.7 × VDDIO
V
VOL
0.2 × VDDIO
V
IOL (minimum) = 2 mA
VOH
0.8 × VDDIO
V
IOH (minimum) = 2 mA
RESET Deglitch Time
0.3
0.5
1
µs
LED OUTPUT
Output Drive Current
8
mA
VDDIO = 3.3 V
6
mA
VDDIO = 2.5 V
4
mA
VDDIO = 1.8 V
CLOCKS
External Crystal (XTAL)
Requirements for external crystal used on XTAL_I/CLK_IN
pin and XTAL_O pin
Crystal Frequency
25
MHz
Crystal Frequency Tolerance
−30
+30
ppm
Crystal Drive Level
<200
µW
Crystal Equivalent Series Resistance (ESR)
60
Ω
XTAL_I, XTAL_O Input Capacitance (CIN,EQ)
1.5
pF
Equivalent parallel differential input capacitance looking into
XTAL_I/CLK_IN pin and XTAL_O pin
Crystal Load Capacitance (CL)1
10
18
pF
Including PCB trace capacitance and XTAL_I, XTAL_O
CIN,EQ
Start-Up Time
2
ms
Crystal oscillator only
Clock Input (CLK_IN)
Clock Input Frequency
25
MHz
Requirements for external clock applied to XTAL_I pin
Clock Input Voltage Range
0.8
2.5
V p-p
AC-coupled sine or square wave at XTAL_I/CLK_IN pin
Clock Input Duty Cycle
45
55
%
Input clock duty cycle 50%
XTAL_I Input Impedance (ZIN,EQ)
Driving Point Resistance (RP)2
6
kΩ
RP||CP
Driving Point Capacitance (CP)2
3
pF
Jitter Tolerance (RMS)
40
ps
CLK25_REF Clock Output
CLK25_REF Frequency
25
MHz
VOH
1.05
V
Load = 10 pF
VOL
0
V
Load = 10 pF
CLK25_REF Duty Cycle
45
55
%
Load = 10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com