Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 97 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 97 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 93Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 94Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 95Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 96Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 97Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 98Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 99Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 100Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 97 of 125
Table 175. Bit Descriptions for B10L_TEST_MODE_CNTRL
Bits
Bit Name
Description
Reset
Access
011: Test Mode 3—normal operation in idle mode. When Test Mode 3 is enabled, the PHY
transmits as in nontest operation and in the master data mode with data set to normal
interframe idle signals.
[12:0]
RESERVED
Reserved.
0x0
R
10BASE-T1L PMA Link Status Register
Device Address: 0x01; Register Address: 0x8302, Reset: 0x0000, Name: B10L_PMA_LINK_STAT
This address can be read to determine the 10BASE-T1L PMA link status. Reading B10L_PMA_LINK_STAT clears the latching condition of
these bits.
Table 176. Bit Descriptions for B10L_PMA_LINK_STAT
Bits
Bit Name
Description
Reset
Access
[15:10]
RESERVED
Reserved.
0x0
R
9
B10L_REM_RCVR_STAT_OK_LL
10BASE-T1L Remote Receiver Status OK Latch Low. Latched low version of
B10L_REM_RCVR_STAT_OK.
0x0
R LL
8
B10L_REM_RCVR_STAT_OK
10BASE-T1L Remote Receiver Status OK. When read as 1, this bit indicates that
the remote receiver status is OK.
0x0
R
7
B10L_LOC_RCVR_STAT_OK_LL
10BASE-T1L Local Receiver Status OK Latch Low. Latched low version of
B10L_LOC_RCVR_STAT_OK.
0x0
R LL
6
B10L_LOC_RCVR_STAT_OK
10BASE-T1L Local Receiver Status OK. When read as 1, this bit indicates that the
local receiver status is OK.
0x0
R
5
B10L_DSCR_STAT_OK_LL
BASE-T1L Descrambler Status OK Latch Low. When read as 1, this bit indicates
that the descrambler status is OK.
0x0
R LL
4
B10L_DSCR_STAT_OK
10BASE-T1L Descrambler Status OK. When read as 1, this bit indicates that the
descrambler status is OK.
0x0
R
[3:2]
RESERVED
Reserved.
0x0
R
1
B10L_LINK_STAT_OK_LL
Link Status OK Latch Low. When read as 1, this bit indicates that the link status is
OK.
0x0
R LL
0
B10L_LINK_STAT_OK
Link Status OK. When read as 1, this bit indicates that the link status is OK.
0x0
R
MSE Value Register
Device Address: 0x01; Register Address: 0x830B, Reset: 0x0000, Name: MSE_VAL
Table 177. Bit Descriptions for MSE_VAL
Bits
Bit Name
Description
Reset
Access
[15:0]
MSE_VAL
MSE Value. Note that the LSB weight is 2−18. When computing a signal-to-noise ratio (SNR) value, the mean
10BASE-T1L idle symbol power is 0.64422.
0x0
R
PCS Control 1 Register
Device Address: 0x03; Register Address: 0x0000, Reset: 0x0000, Name: PCS_CNTRL1
This address corresponds to the PCS Control Register 1 specified in Clause 45.2.3.1 of Standard 802.3.
Table 178. Bit Descriptions for PCS_CNTRL1
Bits
Bit Name
Description
Reset
Access
15
PCS_SFT_RST
PCS Software Reset. Mirrors PMA_SFT_RST.
0x0
R/W SC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com