Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 125 page
background image
Data Sheet
ADIN2111
THEORY OF OPERATION
analog.com
Rev. 0 | 12 of 125
OVERVIEW
The ADIN2111 is a low power, low complexity Ethernet switch (LES)
with a dual port 10BASE-T1L transceiver designed for Ethernet
applications. The chip is available on a 7 mm × 7 mm, 48-lead
lead frame chip scale package (LFCSP) and includes the following
features:
►
Two Ethernet PHY cores with common analog circuitry
►
10 Mbps full duplex SPI for frame transfer and system register
control
►
MAC with support for 16 MAC addresses
►
Switch with cut through or store and forward operation
►
SPI to MDIO bridge to access the PHY registers
►
Input and output clock buffering
►
On-chip first in, first outs (FIFOs):
►
8 kB high priority reception FIFO for the SPI host port
►
8 kB low priority reception FIFO for the SPI host port
►
8 kB transmission FIFO for the two Ethernet ports
►
4 kB transmission FIFO for the SPI host
►
Hardware configuration pins
►
Configurable hardware interrupt pin
►
Four configurable LED pins for activity monitoring
Note that two different SPI protocols are supported to communicate
with the switch: a generic SPI protocol similar to protocols used in
other Analog Devices products, and the OPEN Alliance MACPHY
SPI protocol.
POWER SUPPLY DOMAINS
The ADIN2111 has five power supply domains and requires a
minimum of one supply rail. See the following power supplies:
►
AVDD_H is the analog power supply input for the analog front
end (AFE) circuitry in the ADIN2111.
►
AVDD_L is the analog supply voltage for the internal LDO cir-
cuits. AVDD_L can be connected to the AVDD_H rail in single-
supply mode, or to an alternative lower voltage rail in dual-supply
mode for lower power consumption.
►
DVDD1_1P1 and DVDD2_1P1 are the 1.1 V digital core power
supply inputs for Port 1 and Port 2 PHYs. DVDD_1P1 and
DVDD2_1P1 can operate from the internal 1.1 V LDO outputs
available on the DLDO1_1P1 and DLDO2_1P1 pins. Alterna-
tively, DVDD1_1P1 and DVDD2_1P1 can be driven from an
external 1.1 V supply for lower power consumption. Note that
DLDO1_1P1 and DLDO2_1P1 must not be connected together.
►
VDDIO is the digital power supply input for the ADIN2111 MAC
interface, MDIO, and digital inputs/outputs (I/Os). VDDIO can be
connected directly to the AVDD_L rail or to an external power
rail.
The System Level Power Management section describes various
application circuits that can be used as reference.
Single-Supply Applications
In a single-supply application, connect AVDD_H and AVDD_L to
VDDIO and connect DVDD1_1P1 to DLDO1_1P1 and DVDD2_1P1
to DLDO2_1P1. The appropriate supply voltage used depends on
the end application and cable length. A recommended circuit is
shown in the Single-Supply Configuration section.
Long Reach and Trunk/Spur Applications
The 1.0 V p-p transmit operating mode supports the spur use case
and can operate at a lower AVDD_H supply voltage of 1.8 V. This
mode supports intrinsic safety applications.
The higher transmit operating mode of 2.4 V p-p supports trunk
applications and requires a higher AVDD_H supply voltage of 3.3
V. This mode can be used for longer cable lengths in industrial
Ethernet environments with higher noise levels.
ANALOG FRONT-END
The AFE stage consists of a hybrid stage, 9-level DAC, line driver,
analog receive filter, input buffer, and ADC.
The line driver transmits the signal onto the line via the Port 1
(respectively Port 2) MDI interface pins, P1_TXP and P1_TXN
(respectively P2_TXP and P2_TXN). The hybrid stage subtracts the
transmitted signal from the received signal on the Port 1 (respec-
tively Port 2) MDI pins, thereby allowing full duplex operation on the
single-pair cable.
The received signal then passes through the analog receive filter
and reaches the input buffer before being sent to the ADC.
TWO PORT SWITCH
The ADIN2111 internal two port switch manages the traffic between
the SPI host, Port 1 PHY, and Port 2 PHY. The following modes of
operations are available for the switch:
►
Store and forward (to or from the SPI host)
►
Store and forward (port to port)
►
Cut through (port to port or SPI host to port).
The port to port traffic is set to cut through by default. To change
to store and forward operation, reset the port cut through enable bit
(PORT_CUT_THRU_EN) to 0 in the Configuration Register 2.
The switch has a table of 16 MAC addresses that are used deter-
mine where to forward frames. A configurable default operation
exists for frames with unknown destination addresses (DAs).
The switch integrates seven FIFOs with a total of 28 kB of buffer to
support the port to port and host to port traffic:
►
4 kB host to Port 1 PHY/Port 2 PHY transmit FIFO
►
4 kB Port 1 PHY to host high priority receive FIFO
►
4 kB Port 1 PHY to host low priority receive FIFO
►
4 kB Port 2 PHY to host high priority receive FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com