Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 73 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 73 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 73 of 125
P1 MAC Rx Frame Size Register
Address: 0x90, Reset: 0x00000000, Name: P1_RX_FSIZE
Table 93. Bit Descriptions for P1_RX_FSIZE
Bits
Bit Name
Description
Reset
Access
[31:11]
RESERVED
Reserved.
0x0
R
[10:0]
P1_RX_FRM_SIZE
Receive Frame Size. The size of the frame at the head of the Rx FIFO in bytes. The size includes the
appended header. When using the generic SPI protocol this register must be read before reading a
frame from a receive FIFO via P1_RX.
0x0
R
P1 MAC Receive Register
Address: 0x91, Reset: 0x00000000, Name: P1_RX
The receive FIFO is read via this register. It is possible to burst read data from the Rx FIFO over SPI.
Table 94. Bit Descriptions for P1_RX
Bits
Bit Name
Description
Reset
Access
[31:0]
P1_RDR
Receive Data Register. This field is only used with the generic SPI protocol. Reading this register returns the four
bytes at the top of the receive FIFO and pops these four bytes from the FIFO. The upper 8 bits contain the first
byte, the next 8 bits contain the second byte, and so on. When a complete frame is read out, no further data is
returned from the P1 Rx FIFOs until the P1_RX_FRM_SIZE register is read first. Only used with the generic SPI
protocol.
0x0
R
P1 Rx Frame Count Register
Address: 0xA0, Reset: 0x00000000, Name: P1_RX_FRM_CNT
Table 95. Bit Descriptions for P1_RX_FRM_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P1_RX_FRM_CNT
Rx Frame Count. This counter increments for received good and bad frames.
0x0
R
P1 Rx Broadcast Frame Count Register
Address: 0xA1, Reset: 0x00000000, Name: P1_RX_BCAST_CNT
Table 96. Bit Descriptions for P1_RX_BCAST_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P1_RX_BCAST_CNT
Rx Broadcast Frame Count. This counter increments for received good and bad frames.
0x0
R
P1 Rx Multicast Frame Count Register
Address: 0xA2, Reset: 0x00000000, Name: P1_RX_MCAST_CNT
Table 97. Bit Descriptions for P1_RX_MCAST_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P1_RX_MCAST_CNT
Rx Multicast Frame Count. This counter increments for received good and bad frames.
0x0
R
P1 Rx Unicast Frame Count Register
Address: 0xA3, Reset: 0x00000000, Name: P1_RX_UCAST_CNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com