Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 125 page
background image
Data Sheet
ADIN2111
SWITCH SPI
analog.com
Rev. 0 | 37 of 125
5. Write a start time to the TS_TIMER_START register. When the
nanoseconds counter matches this value, TS_TIMER starts to
toggle.
6. To stop TS_TIMER, write 1 to the TS_TIMER_STOP bit in
TS_CFG. TS_TIMER returns to the default value as set by
TS_TIMER_DEF bit in TS_CFG. To start the timer again, write
to the TS_TIMER_START register.
Note that If P1_LED_0 is used as the TS_TIMER output, the
default value is dependent on the P1_LED_0 polarity set by the
LED0_POLARITY bit field.
Transmit Frame over SPI
The following sequence must be followed when using the generic
SPI protocol in store and forward mode (the ADIN2111 operates in
cut through mode on the SPI by default):
1. Verify that there is space for the frame by reading the transmit
FIFO space register. The internal MAC internally appends a
2-byte size field to the frame in the FIFO. Therefore, ensure that
there is sufficient space for the Ethernet frame plus the 2-byte
header and 2-byte size field.
2. Write the size of the frame in bytes, including the 2-byte header
to the MAC transmit frame size register. If the host appended a
frame check sequence (FCS) to the frame, this is also included
in the size.
3. Write the frame data including the 2-byte frame header to the
transmit FIFO using the MAC transmit register. The first byte for
transmission is written to TXD, Bits[31:24]. The full frame can
be written in a single burst or split up into multiple smaller burst
writes. The burst write data must always be in multiples of four
bytes. That is, the last word (four bytes) can contain between
one byte and four bytes of valid data.
4. When the end of frame (EOF) byte of a frame is read from the
transmit FIFO, the bit transmit ready asserts, and an interrupt
triggers if the TX_RDY_MASK is set.
Figure 21. MAC Frame: Transmit
RECEIVE: 2-BYTE FRAME HEADER READ FIRST FROM THE P1_RX REGISTER
SDI
3 BYTES
CS
SDO
2-BYTE FRAME
HEADER
RECEIVE FRAME DATA
CD-PROT-
R/W-ADDR-TA
Figure 22. MAC Frame: Receive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com