Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 125 page
background image
Data Sheet
ADIN2111
SWITCH SPI
analog.com
Rev. 0 | 45 of 125
space available as indicated by the transmit credit field (TXC) of
the previous data footer. In this condition, the ADIN2111 ignores
the transmit data chunk and sets the host transmit FIFO overflow
bit, and the frame data already in the buffer is dropped.
►
Transmit buffer under run. This error can only occur in cut
through mode. The SPI host must always send frame data to
the ADIN2111 faster than the network to avoid this error. When
this error occurs, the host transmit FIFO under run error bit is
set, and the ADIN2111 terminates the frame being transmitted
in a way that invalidates the frame. Additionally, the ADIN2111
ignores any additional frame data received from the SPI host
until it receives an end of frame indication (EV = 1).
►
Loss of framing error. This error occurs when the CS signal is
deasserted before the expected end of the data chunk or control
command. The ADIN2111 and the loss of frame error is set, any
transmit frame in progress is dropped, and any receive frame in
progress of being sent to the SPI host is terminated.
►
Receive buffer overflow. This error occurs when the SPI host
does not read frame data from the ADIN2111 fast enough. This
error can occur both in store and forward and cut through modes.
When this error occurs, the ADIN2111 terminates the frame
being received from the internal PHYs. In store and forward
mode, no portion of the frame is transferred to the SPI host. In
cut through mode, the ADIN2111 terminates the frame (EV = 1)
with frame drop set (FD = 1).
►
Control data protection error. The control data protection error
(CDPE) and the loss of frame error (LOFE) bits assert when
protection is enabled on the OPEN Alliance SPI and there is an
error on write data received from the host. The write does not
complete in this case. If possible, the software executes the write
again. If software does not know which configuration register
was written, the device may not be configured properly. In this
case, reset the ADIN2111 MAC by writing the RST_MAC_ONLY
keys to the software reset register.
FRAME FORWARDING ON RECEIVE
By default, the device drops all frames received. To receive frames,
set up the address filtering table, or change the default operation for
all receive frames.
Note that frames can be forwarded from one port to two destina-
tions: the other port and the host SPI port.
The device can be configured to forward up to 16 different MAC
addresses based on the MAC destination address (DA).
To receive frames with a particular DA, that DA has to be pro-
grammed to one of the 16 ADDR_FILT_x registers. Each register
is 32 bits wide. Therefore, for example, to program a DA of
08:00:00:5A:64:68 to ADDR_FILT_x0, write:
►
0x0800 to ADDR_FILT_UPR0
►
0x005A6468 to ADDR_FILT_LWR0
To forward frames with this DA to the host, set the TO_HOST bit
field within the ADDR_FILT_UPRn register to 1. To apply this rule,
set APPLY2PORT1 or APPLY2PORT2 to 1, accordingly.
MAC addresses can be masked using the ADDR_MSK_x registers.
For example, to receive all the MAC addresses in the range
0x8000005A64xx, write:
►
0xFFFF to ADDR_MSK_UPR0
►
0XFFFFFF00 to ADDR_MSK_LWR0
Frames that do not match any of the 16 ADDR_FILT_x regis-
ters are dropped by default. The user can select to forward
packages from unknown DAs to either the other port or the
host with the bit fields P2_FWD_UNK2P1, P1_FWD_UNK2P2,
P2_FWD_UNK2HOST, and P1_FWD_UNK2HOST in the MAC con-
figuration register (CONFIG2). Figure 30 shows the forwarding
algorithm. Frames received with a bad CRC or with RX_ERR
asserted from the PHYs, as well as runt and jabber frames, are
dropped and counted.
FORWARD
THE FRAME
TO THE
OTHER
PORT
YES
NO
DA FOUND?
YES
NO
APPLYTOPORTx = THIS PORT?
NO
YES
TO HOST?
YES
NO
TO_OTHER_PORT?
NO
YES
TO_OTHER_PORT?
NO
YES
PX_FWD_UNK2HOST
NO
YES
PX_FWD_UNK2PX?
NO
YES
PX_FWD_UNK2Px?
FORWARD
THE FRAME
TO THE
HOST
FORWARD
THE FRAME
TO THE
OTHER
PORT AND
THE HOST
DISCARD THE FRAME
AND INCREMENT
COUNTER
(RX_DROP_FILT_CNT)
X: PORT NUMBER (1 OR 2)
Figure 30. Frame Forwarding Algorithm
RECEIVE PRIORITY QUEUES
Each of the ADIN2111 PHYs has two different FIFOs on receive: a
high priority FIFO and a low priority FIFO.
By default, the low priority FIFO is configured to 12 kB, and
the high priority FIFO is configured to 8 kB. The sizes of these
FIFOs can be changed before receiving or transmitting any
frames via the P1_RX_LO_SIZE and P1_RX_HI_SIZE (Port 1)
and P2_RX_LO_SIZE and P2_RX_HI_SIZE (Port 2) fields in the
FIFO_SIZE register.
STATISTICS COUNTERS
The ADIN2111 has fifteen 16-bit counters on each port that incre-
ment on frame transmit and receive. They roll over to 0 when the
maximum value of 65535 is reached and they are not cleared on
reading. Therefore, the counters must be read every four seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com