Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 125 page
background image
Data Sheet
ADIN2111
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 9 of 125
Table 8. Pin Function Descriptions
Pin No.
Mnemonic1
PU/PD2
Description
Configure the Device to Use 8-bit CRC (generic SPI mode) or Protection Mode (OPEN
Alliance Mode) on the SPI Host Interface (SPI_CFG0). Use this pin with SPI_CFG1. See
Table 22 for details. The default configuration for this pin is with protection/CRC enabled.
This pin is provided with an internal pull-up resistor.
44
SCLK
PD
Clock Input. Data is clocked into the shift register on each falling edge.
45
CS
PD
Active Low Chip Select.
Reset
20
RESET
PU
Hardware Reset, Active Low Input. Hold low for >10 μs to reset the device. This pin can be
left floating if a hardware reset is not required. See the Hardware Reset section.
Media Dependent Interface (MDI)
4
P2_TXN
N/A
Port 2 10BASE-T1L Transmit/Receive Negative Pin.
5
P2_TXP
N/A
Port 2 10BASE-T1L Transmit/Receive Positive Pin.
27
P1_TXN
N/A
Port 1 10BASE-T1L Transmit/Receive Negative Pin.
28
P1_TXP
N/A
Port 1 10BASE-T1L Transmit/Receive Positive Pin.
Configuration/Status/Test
16
TEST_3
PU
Test Pin 3. No function currently assigned. Do not connect.
17
TEST_2
PD
Test Pin 2. No function currently assigned. Do not connect.
19
P1_LED_0/ SPI_CFG1
PU
General-Purpose, Programmable LED Indicator 0 for Port 1 (P1_LED_0). The LED can
be active high or active low. By default, P1_LED_0 is configured to turn on when a link is
established and blink when there is activity. The default LED function is Tx/Rx activity. The
default configuration is P1_LED_0 enabled. See the Status LEDs section.
Configure the device to Use OPEN Alliance SPI Mode or Analog Devices SPI Mode
(SPI_CFG1). A voltage high level on this pin enables SPI generic mode. A voltage low
level on this pin enables SPI OA mode. For OPEN Alliance SPI mode, use without LED,
connect an external pull-down of 4.7 kΩ or less. Use this pin with SPI_CFG0. See Table
22 for details. The default configuration is generic SPI. This pin is provided with an internal
pull-up resistor.
21
P1_LED_1/P1_TX2P4_EN
PD
General-Purpose, Programmable LED Indicator 1 for Port 1 (P1_LED_1). The LED can
be active high or active low. The default condition is P1_LED_1 disabled. See the Status
LEDs section.
Port 1 Transmit Level Amplitude Hardware Configuration Pin Signal (P1_TX2P4_EN). Set
high for 1.0 V p-p transmit amplitude only. Set low to support both 1.0 V p-p and 2.4 V p-p
transmit amplitude. See Table 19. This pin is provided with an internal pull-down resistor.
40
TEST_1
PU
Test Pin 1. This pin can be assigned to the TS_CAPT alternative function using the
DIGIO_TSCAPT_PINMUX bit in the Pin Mux Configuration 1 register. Do not connect if
unused.
41
TEST_0/P1_SWPD_EN
PD
Test Pin 0 (TEST_0). No function currently assigned.
Disable Port 1 PHY Software Power-Down After Power-Up/Reset (P1_SWPD_EN). When
software power-down (SWPD) is enabled, a reset or power cycle puts the chip in active
mode and attempts to link up and switch forward all frames. The default configuration is
SWPD enabled. To disable SWPD, connect a 4.7 kΩ or less external pull-up resistor to
VDDIO. This pin is provided with an internal pull-down resistor.
47
P2_LED_0/P2_SWPD_EN
PU
General-Purpose, Programmable LED Indicator 0 for Port 2 (P2_LED_0). The LED can
be active high or active low. By default, P2_LED_0 is configured to turn on when a link is
established and blink when there is activity. The default LED function is Tx/Rx activity. The
default configuration is P2_LED_0 enabled. See the Status LEDs section.
Disable Port 2 PHY Software Power-Down After Power-Up/Reset (P2_SWPD_EN). When
SWPD is enabled, a reset or power cycle puts the chip in active mode and attempts to link
up and switch forward all frames. The default configuration is SWPD disabled. To disable
SWPD, pull the pin high or leave the pin floating. This pin is provided with an internal
pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com