Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 65 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 65 of 125
Table 69. Bit Descriptions for SOFT_RST
Bits
Bit Name
Description
Reset
Access
[31:16]
RESERVED
Reserved.
0x0
R
[15:0]
RST_KEY
Software Reset. Write a pair of keys in order and back to back on the SPI to trigger a reset.
0x0
W
0x4F1C: Key 1 to reset the MAC logic only.
0xC1F4: Key 2 to reset the MAC logic only. Reset does not take effect until CS is brought high and CS must
be held asserted for at least 100 ns for the reset to take effect. If the MACPHY is in software power-down, the
MAC_ONLY reset has no effect. That is, CRSM_SFT_P_CNTRL.CRSM_SFT_PD must be 0.
0x6F1A: Key 1 to request release of reset to the MAC core logic. Use MAC_RST_EXIT_REQ_KEYx to request
a release of reset to the MAC core logic when the 25 MHz crystal clock is not available. This brings the MAC out
of reset using the oscillator clock (12.5 MHz to 25.7 MHz). SPI accesses can then proceed at 15 MHz to allow
debug access to MAC and PHY registers.
0xA1F6: Key 2 to request release of reset to the MAC core logic.
Inject an Error on MISO from the DUT Register
Address: 0x3D, Reset: 0x00000000, Name: SPI_INJ_ERR
Table 70. Bit Descriptions for SPI_INJ_ERR
Bits
Bit Name
Description
Reset
Access
[31:1]
RESERVED
Reserved.
0x0
R
0
TEST_SPI_INJ_ERR
Inject an Error on the SPI MISO Path. This function allows software to test that errors received on
MISO are properly detected in software.
0x0
R/W
If set and using the OPEN Alliance SPI protocol for data transaction, the parity bit in the Rx footer is
inverted. Also, the time stamp parity bit in the in Rx footer is inverted.
If set and using the OPEN Alliance SPI protocol for protected control burst write transactions, starting
from the second word in a burst, the MSB of each echoed 32-bit word is inverted.
If set and using the OPEN Alliance SPI protocol for protected control read transactions, the MSB of
each 32-bit complement word is inverted.
If set and using the generic SPI protocol with protection enabled, the CRC8 returned on a register read
is inverted.
FIFO Sizes Register
Address: 0x3E, Reset: 0x02222222, Name: FIFO_SIZE
Before modifying the FIFO sizes, frame reception and transmission must be stopped and the FIFOs must be empty.
Configure ADDR_RULE to drop all frames and set Px_UNK2HOST and Px_UNK2Px to 0 to ensure all received frames are dropped.
Use LES_FIFO_CLR to reset the FIFOs. Then the FIFO sizes can be modified.
The total FIFO size must be less than or equal to 28 kB.
Table 71. Bit Descriptions for FIFO_SIZE
Bits
Bit Name
Description
Reset
Access
[31:28]
RESERVED
Reserved.
0x0
R
[27:24]
P2_TX_SIZE
Port 1 to Port 2 Transmit FIFO Size.
0x2
R/W
0000: 0 bytes.
0001: 2 kB.
0010: 4 kB.
0011: 6 kB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com