Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 61 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 61 of 125
Table 53. Bit Descriptions for IMASK1
Bits
Bit Name
Description
Reset
Access
1
LINK_CHANGE_MASK
Mask Bit for LINK_CHANGE.
0x1
R/W
0
RESERVED
Reserved.
0x0
R
Transmit Time Stamp Capture Register A
(High)
Address: 0x10, Reset: 0x00000000, Name: TTSCAH
This field contains the upper 32 bits of the captured time stamp for
when the requested frame was transmitted.
Table 54. Bit Descriptions for TTSCAH
Bits
Bit Name
Description
Reset
Access
[31:0]
TTSCH_A
Transmit Time Stamp A, Bits[63:32].
0x0
R
Transmit Time Stamp Capture Register A (Low)
Address: 0x11, Reset: 0x00000000, Name: TTSCAL
This field contains the lower 32 bits of the captured time stamp for
when the requested frame was transmitted.
Table 55. Bit Descriptions for TTSCAL
Bits
Bit Name
Description
Reset
Access
[31:0]
TTSCL_A
Transmit Time Stamp A, Bits[31:0].
0x0
R
Transmit Time Stamp Capture Register B
(High)
Address: 0x12, Reset: 0x00000000, Name: TTSCBH
This field contains the upper 32 bits of the captured time stamp for
when the requested frame was transmitted.
Table 56. Bit Descriptions for TTSCBH
Bits
Bit Name
Description
Reset
Access
[31:0]
TTSCH_B
Transmit Time Stamp B, Bits[63:32].
0x0
R
Transmit Time Stamp Capture Register B (Low)
Address: 0x13, Reset: 0x00000000, Name: TTSCBL
This field contains the lower 32 bits of the captured time stamp for
when the requested frame was transmitted.
Table 57. Bit Descriptions for TTSCBL
Bits
Bit Name
Description
Reset
Access
[31:0]
TTSCL_B
Transmit Time Stamp B, Bits[31:0].
0x0
R
Transmit Time Stamp Capture Register C
(High)
Address: 0x14, Reset: 0x00000000, Name: TTSCCH
This field contains the upper 32 bits of the captured time stamp for
when the requested frame was transmitted.
Table 58. Bit Descriptions for TTSCCH
Bits
Bit Name
Description
Reset
Access
[31:0]
TTSCH_C
Transmit Time Stamp C Bits, [63:32].
0x0
R
Transmit Time Stamp Capture Register C (Low)
Address: 0x15, Reset: 0x00000000, Name: TTSCCL
This field contains the lower 32 bits of the captured time stamp for
when the requested frame was transmitted.
Table 59. Bit Descriptions for TTSCCL
Bits
Bit Name
Description
Reset
Access
[31:0]
TTSCL_C
Transmit Time Stamp C, Bits[31:0].
0x0
R
MDIO Access Registers
Address: 0x20 to 0x27 (Increments of 1), Reset: 0x8C000000, Name: MDIOACCn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com