Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 125 page
background image
Data Sheet
ADIN2111
THEORY OF OPERATION
analog.com
Rev. 0 | 18 of 125
frame with a bad cyclic redundancy check CRC can be transmitted.
Once the chip is reset, the ADIN2111 is ready to bring up links.
When this software reset is initiated, a full initialization of the chip,
almost equivalent to a hardware reset, is done. The I/O pins are
held in tristate mode, the hardware configuration pins are latched,
and the I/O pins are configured for their functional mode. The crys-
tal oscillator circuit is enabled, and after the crystal starts up and
stabilizes, the PLL is enabled. Approximately 10 ms (maximum)
after writing the SOFT_RST keys, the internal logic releases from
reset and the internal SPI, as well as the two PHY registers, are
accessible.
The system ready bit (CRSM_SYS_RDY) in the system status
register (CRESM_STAT) on each PHY indicates that the start-up
sequence is complete, and the respective PHY is ready for normal
operation.
The CLK25_REF clock output remains low for 25 ms (maximum)
following a software reset.
PHY Subsystem Reset
A PHY subsystem reset is initiated on the ADIN2111 PHY 1
(respectively PHY 2) by setting the respective PHY subsystem
reset register bit (CRSM_PHY_SUBSYS_RST) to 1 in the PHY
subsystem reset register (CRSM_PHY_SUBSYS_RST). The reset
is applied for typically 1.2 µs, and then this bit self clears. All
of the PHY 1 (respectively PHY 2) digital circuitry is reset, and
any available active link drops. The PHY 1 (respectively PHY 2)
subsystem reset does not alter the values of the management
registers, which remain accessible throughout the sequence. The
subsystem reset is a short reset and can be used to put the device
into a known state while retaining the internal register contents.
MAC Subsystem Reset
A MAC only software reset can be initiated by writing the required
pair of keys to the software reset register (SOFT_RST). The reset
is applied for about 1.2 µs. The MAC subsystem reset interrupts
any transmit/receive packet exchange between the MAC and the
two PHYs, but does not drop any existing link or prevent a link from
being established. The MAC subsystem reset does not alter the
values of the PHY registers.
Note that PHY 1 must be out of software power-down for the MAC
subsystem reset to take effect.
STATUS LEDS
The ADIN2111 provides two configurable LED pins for each port:
P1_LED_0, P1_LED_1, P2_LED_0, and P2_LED_1 (also noted as
Px_LED_x).
The LED pin signals can be used to connect external LEDs to
indicate the ADIN2111 link status and transmit or receive activity.
The activity assigned to each LED is configurable through the LED
control register (LED_CNTRL).
The LED pins are suitable for ultra low power LEDs. The maximum
output current for each LED pin is 8 mA with a VDDIO = 3.3 V.
For higher LED power requirements, use an external transistor, as
described in the Transistor Controlled LED section.
The LED pins can also be connected to a host microcontroller
general-purpose input/output (GPIO) (configured as a pulse-width
modulated input or hardware interrupt). This configuration is useful
in applications where the user interface must be fully handled by
an external host controller (for example, an external LED module or
display).
If the LED pins are directly connected to a host controller, place a
low value resistance in series between the ADIN2111 LED pins and
the host controller to avoid any potential current surge. The resistor
value must be defined based on host controller capabilities and the
ADIN2111 LED pins output current capabilities listed in Table 1.
LED Pin Multiplexing
For the Px_LED_1 pins only (P1_LED_1 and P2_LED_1), an inter-
nal multiplexer must be configured to enable the LED signal on the
respective pin. Px_LED_1 signals are disabled by default and can
be enabled using the DIGIO_LED1_PINMUX bits in the Pin Mux
Configuration 1 register (DIGIO_PINMUX) within the respective
PHY.
The Px_LED_0 pins (P1_LED_0 and P2_LED_1) do not need
multiplexing.
LED Polarity
The four LED pins can be configured to support various LED circuit
polarities using the LED polarity register (LED_POLARITY) on the
respective PHY. Three polarity modes are available for each LED,
as follows:
►
Autosense (default)
►
Active high
►
Active low
In autosense mode, the ADIN2111 automatically senses the pin at
power-up or reset to select the appropriate polarity configuration.
In active high mode, the ADIN2111 is configured to drive the LED
from the anode side.
In active low mode, the ADIN2111 is configured to drive the LED
from the cathode side.
Example circuits are described in the LED Circuit Examples sec-
tion.
LED Function
The LED pins can be configured to display various activities of
the ADIN2111 using the LED function feature. The LED function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com