Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 125 page
background image
Data Sheet
ADIN2111
THEORY OF OPERATION
analog.com
Rev. 0 | 19 of 125
is configurable for each LED using the LED0_FUNCTION and
LED1_FUNCTION bits in the LED control register (LED_CNTRL).
Note that the 7, 8, 9, and 10 (decimal) bit settings for LED0_FUNC-
TION and LED1_FUNCTION are not available in LED Mode 2.
LED Mode
For each of the ADIN2111 LED pins, the activity behavior can be
configured using the two LED modes, as follows:
►
LED Mode 1: blink duty cycle defined using the LED 0 on/off
blink time register (LED0_BLINK_TIME_CNTRL)
►
LED Mode 2: blink duty cycle automatically defined by the
ADIN2111 based on activity level (%)
LED Pins Configuration Summary
See Table 15 for the configuration options of the Px_LED_x pins.
Table 15. LED Pins Configuration Summary
Parameter
Px_LED_0
Px_LED_1
Pin Number
19 (P1_LED_0), 47 (P2_LED_0)
21 (P1_LED_1), 48 (P2_LED_1)
Internal Pull-Up or Pull-Down Resistor
Pull-up
Pull-down
Status at Power-Up or Reset
Enabled
Disabled (via pin mux)
LED Pin Mux
Not applicable
DIGIO_LED1_PINMUX bits in the Pin Mux Configuration 1
register
Enable LED
LED0_EN bit in the LED control register (default: enabled)
LED1_EN bit in the LED control register (default: LED_1 output
not enabled)
LED Polarity
LED0_POLARITY bits in the LED polarity register (default:
autosense)
LED1_POLARITY bits in the LED polarity register (default:
autosense)
LED Mode
LED0_MODE bit in the LED control register (default: LED Mode
1)
LED1_MODE bit in the LED control register (default: LED Mode
1)
LED Function1
LED0_FUNCTION bits in the LED control register (default:
LINKUP_TXRX_ACTIVITY)
LED1_FUNCTION bits in the LED control register (default:
TXRX_ACTIVITY)
LED Blink Rate
LED0_BLINK_TIME_CNTRL in the LED 0 on/off blink time
register
LED1_BLINK_TIME_CNTRL in the LED 1 on/off blink time
register
Maximum Current2
8 mA at 3.3 V
8 mA at 3.3 V
1 The 7, 8, 9, and 10 (decimal) settings for the LEDx_FUNCTION bits are not available in Mode 2.
2 See Table 1 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com