Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 125 page
background image
Data Sheet
ADIN2111
SWITCH SPI
analog.com
Rev. 0 | 44 of 125
32 BITS
UNPROTECTED: 32 × (LEN + 1) BITS
PROTECTED: 2 × 32 × (LEN + 1) BITS
32 BITS
32 BITS
32 BITS
UNPROTECTED: 32 × (LEN + 1) BITS
PROTECTED: 2 × 32 × (LEN + 1) BITS
MOSI
SCK
CS
MISO
CONTROL HEADER
RX CHUNK DATA
(DISCARD)
ECHOED
CONTROL HEADER
REGISTER WRITE DATA × (LEN + 1)
ECHOED REGISTER WRITE DATA × (LEN + 1)
IGNORED
Figure 28. OPEN Alliance Control Transaction
Control Read
The MACPHY ignores all data from the SPI host following the control header for the rest of the control read command. Control read commands
can read either a single register or multiple registers. When multiple registers are read, the address is automatically post incremented,
according to the address increment disable bit in the control header.
32 BITS
32 BITS
RX CHUNK DATA
(DISCARD)
ECHOED
CONTROL HEADER
IGNORED
CONTROL HEADER
REGISTER READ DATA × (LEN + 1)
UNPROTECTED: 32 × (LEN + 1) BITS
PROTECTED: 2 × 32 × (LEN + 1) BITS
MOSI
SCK
CS
MISO
Figure 29. Control Read Transaction
OPEN Alliance SPI Errors
See the following OPEN Alliance SPI errors:
►
SPI header parity error. If a parity error is detected on a transmit
header and there is a transmit frame in the process of transfer-
ring over the SPI, this frame drops. If the switch is operating in
cut through mode, the frame transmit stops and a bad CRC is
appended to the frame.
The ADIN2111 returns a fixed value of 0x4000_0000 in every
word until CS goes high. The ADIN2111 responds with DV = 1,
EV = 1, EBO = 0, and FD = 1 in the first data footer following a
new assertion of CS.
If there is a parity error on a control transaction, the operation
does not complete. Software can determine which transaction
caused the error as the ADIN2111 returns a fixed 0x4000_0000
on SDO for the duration of the SPI transaction. Software can
then resend the corrupted control transaction after clearing the
header error bit.
►
Transmit protocol error. Occurs when the ADIN2111 detects pro-
tocol errors in the transfer of transmit data chunks. These errors
are usually due to SPI host firmware issues and do not occur in
normal operation. The transmit protocol error bit is set when a
data header received by the ADIN2111 indicates data valid (DV =
1) without a prior start of frame indication (SV = 1), in which case
the data chunk is ignored. Or, when the ADIN2111 receives two
data headers indicating a start of frame (SV = 1) without and end
of frame (EV = 1), the ADIN2111 drops the frame data from the
previous start of frame indicator and begins accepting the frame
data from the second start of frame indicator.
►
Transmit buffer overflow. Occurs when attempting to write trans-
mit frame data to the ADIN2111 when there is no transmit buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com