Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 125 page
background image
Data Sheet
ADIN2111
SWITCH SPI
analog.com
Rev. 0 | 46 of 125
to ensure that the counters do not roll over the last value read by
the host.
Table 40. Port 1 and Port 2 Statistics Counters
Name1
Description
Px_RX_FRM_CNT
PORT Rx frame count
Px_RX_UCAST_CNT
PORT Rx unicast frame count
Px_RX_MCAST_CNT
PORT Rx multicast frame count
Px_RX_BCAST_CNT
PORT Rx broadcast frame count
Px_RX_CRC_ERR_CNT
PORT Rx CRC errored frame count
Px_RX_ALGN_ERR_CNT
PORT Rx alignment error count
Px_RX_PHY_ERR_CNT
PORT Rx PHY error count
Px_RX_LS_ERR_CNT
PORT Rx long and short frame error count
Px_TX_FRM_CNT
PORT Tx frame count
Px_TX_UCAST_CNT
PORT Tx unicast frame count
Px_TX_MCAST_CNT
PORT Tx multicast frame count
Px_TX_BCAST_CNT
PORT Tx broadcast frame count
Px_RX_DROP_FULL_CNT
PORT Rx frames dropped due to FIFO full
Px_RX_DROP_FILT_CNT
PORT Rx frames dropped due to filtering
Px_RX_IFG_ERR_CNT
PORT Rx frames received with interframe gap
(IFG) errors
1 One set of counters for each port. X represents the port number.
Receive Drop FIFO Full Counter
Before the first byte of a received frame is written into the appro-
priate receive FIFO on Port 1 (respectively Port 2), the space
in the FIFO is checked. If there is no space for at least 256
bytes, the frame is dropped and the P1_RX_DROP_FULL_CNT
(respectively P2_RX_DROP_FULL_CNT) counter increments. If
there is space for at least 256 bytes in the FIFO, the logic
writes the frame to the receive FIFO. If the received frame
exceeds 256 bytes and the receive FIFO fills, the frame
is dropped and the P1_RX_DROP_FULL_CNT (respectively
P2_RX_DROP_FULL_CNT) counter increments.
Note that if a frame is destined for both the host and the other
port, and the frame is not forwarded in one of the destination FIFOs
because it is full, the frame is not counted as a dropped frame.
FRAME RECEIVE AND TRANSMIT ERRORS
By default, received errored frames do not generate interrupts.
These frames are dropped and counted, and the software must
monitor the statistics counters. The static random-access memory
(SRAM) error correction code (ECC) error and transmit overflow
error are reported in the error status register (ERR_STATUS).
These errors result in the INT pin asserting an interrupt, unless
an error is masked using the error status mask register (ERR_STA-
TUS_MASK). See the SRAM ECC Error section and Transmit
Overflow Error section.
SRAM ECC Error
When writing a frame to one of the ADIN2111 PHY FIFOs, the size
of the frame is inserted in a 16-bit word at the front of the frame and
written to the FIFO. A 5-bit ECC is placed alongside the size field.
When this location is read from the SRAM, the ECC is checked. If
a double bit error is detected, the RX_ECC_ERR or TX_ECC_ERR
bits of the STATUS1 register are set to 1. If a double bit error is
detected on reading a frame header from the receive FIFO, the
frame is not transmitted.
In response to an ECC error, a FIFO automatically clears. All
frames in the FIFO are lost, transmission stops, and a bad CRC is
appended to the frame that transmitted. The next frame received is
written to a FIFO.
Transmit Overflow Error
If the host attempts to write to the transmission FIFO but there is
not enough space, the host transmission FIFO overflow bit field
asserts (TXBOE). The software checks the space available in the
transmission FIFO by reading the transmission FIFO space register
(TX_SPACE) before attempting to write to it.
If this error occurs, the frame is automatically dumped, and the
software has no other requirement than to clear the TXBOE status
bit. Note that frames dropped because of a transmission FIFO
overflow are not counted in the statistics counters.
SPI ACCESS TO THE PHY REGISTERS
The ADIN2111 provides indirect access to the two PHY manage-
ment registers via the internal SPI to MDIO bridge. The eight
MDIOACCn registers in the SPI register map are used to access
the PHY management registers. Each MDIOACCn register corre-
sponds to an MDIO transaction.
The MDC default speed is 2.5 MHz. Either a 2.5 MHz or 4.166 MHz
management data clock (MDC) frequency can be selected via the
MSPEED bits in the CONFIG2 register.
The MDIO master polls the TRDONE bits of the eight MDIOACCn
registers in round robin mode. When the MDIO master detects that
one of the TRDONE fields is 0, the MDIO master starts an MDIO
transaction. When the MDIO transaction completes, the TRDONE
bits are set to 1, and the master proceeds to check the TRDONE
bits of the next MDIOACCn register.
Each of the two PHYs has a fixed MDIO PHY address, as follows:
►
PHY 1 MDIO address: 0x1
►
PHY 2 MDIO address: 0x2
Note that MDIO_DEVAD is always written with the device ID of
the register being accessed. MDIO_PRTAD is set to the respective
PHY MDIO address, and MDIO_ST is written to 0x0 for Clause 45
access (this applies to all of the following Clause 45 examples).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com