Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 125 page
background image
Data Sheet
ADIN2111
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 10 of 125
Table 8. Pin Function Descriptions
Pin No.
Mnemonic1
PU/PD2
Description
48
P2_LED_1/P2_TX2P4_EN
PD
General-Purpose, Programmable LED Indicator 1 for Port 2 (P2_LED_1). The LED can be
active high or active low. The default configuration is P2_LED_1 disabled. See the Status
LEDs section.
Port 2 Transmit Level Amplitude Hardware Configuration Pin Signal (P2_TX2P4_EN). Set
high for 1.0 V p-p transmit amplitude only. Set low to support both 1.0 V p-p and 2.4 V p-p
transmit amplitude. See Table 20. The default configuration is 1.0 V p-p and 2.4 V. This pin
is provided with an internal pull-down resistor.
LDO and Reference Decoupling
9
CEXT_2
N/A
Port 2 PHY External Decoupling for Band Gap Voltage Reference. Connect a 0.1 μF
capacitor to ground as close as possible to this pin. Do not use this pin as a voltage
source for an external circuit.
10
CEXT_3
N/A
Port 2 PHY External Decoupling for LDO Circuit. Connect a 1 μF capacitor to ground as
close as possible to this pin. Do not use this pin as a voltage source for an external circuit.
32
CEXT_6
N/A
Port 1 PHY External Decoupling for Band Gap Voltage Reference. Connect a 0.1 μF
capacitor to ground as close as possible to this pin. Do not use this pin as a voltage
source for an external circuit.
33
CEXT_7
N/A
Port 1 PHY External Decoupling for LDO Circuit. Connect a 1.0 μF capacitor to ground as
close as possible to this pin. Do not use this pin as a voltage source for an external circuit.
Power and Ground Pins
6, 7, 29, 30
AVDD_H
N/A
Main Analog Supply Voltage for the Various Analog Circuits in the Device. This supply
rail can be supplied by 1.8 V to 3.3 V depending on the transmit level configuration.
If AVDD_H is 3.3 V, both the 1.0 V p-p and 2.4 V p-p transmit operating modes are
supported. If AVDD_H is 1.8 V, only the 1.0 V p-p transmit operating mode is supported.
Connect 0.1 μF and 0.01 μF capacitors to GND as close as possible to this pin.
12, 13, 35, 36
AVDD_L
N/A
Main Analog Supply Voltage for the Internal LDO Circuits. This supply rail can be supplied
by 1.8 V to 3.3 V. AVDD_L can be connected directly to the AVDD_H rail in long reach
applications or alternatively to the VDDIO rail when the device is configured with dual
supplies for lower power consumption. Connect 0.1 μF and 0.01 μF capacitors to GND as
close as possible to this pin.
18, 46
VDDIO
N/A
3.3 V, 2.5 V, or 1.8 V Digital Power for the SPI Host Interface. Connect 0.1 μF and 0.01 μF
capacitors to GND as close as possible to the pin.
14
DLDO2_1P1
N/A
Output from the Internal 1.1 V LDO Circuit 2. When using the internal LDO, connect this
pin directly to the DVDD_1P1 pin. Connect a 0.68 μF capacitor to ground as close as
possible to this pin.
15
DVDD2_1P1
N/A
Input for PHY 1.1 V DVDD Supply Rail 2. When using the internal LDO regulator, connect
this pin directly to the DLDO2_1P1 pin. Alternatively, an external 1.1 V rail can be provided
to the DVDD_1P1 pin for greater power efficiency. Connect a 0.1 µF to ground as close as
possible to this pin.
37
DLDO1_1P1
N/A
Output from the 1.1 V LDO Circuit 1. When using the internal LDO, connect this pin
directly to the DVDD_1P1 pin 38. Connect a 0.68 μF capacitor to ground as close as
possible to this pin.
38
DVDD1_1P1
N/A
Input for PHY 1.1 V DVDD Supply Rail 1. When using the internal LDO regulator, connect
this pin directly to the DLDO1_1P1 pin. Alternatively, an external 1.1 V rail can be provided
to the DVDD_1P1 pin for greater power efficiency. Connect a 0.1 µF to ground as close as
possible to this pin.
EP (GND)
N/A
Exposed Pad (Ground). The LFCSP has an exposed pad that must be connected to GND
for electrical reasons and soldered to a metal plate on the PCB for mechanical reasons. A
4 × 4 array of thermal vias beneath the exposed GND pad is also recommended.
Other Pins
2, 3, 8, 11, 25, 26, 31, 34
DNC
N/A
Do Not Connect. These pins must be left open circuit.
1 Where a pin is shared between a functional signal and a hardware configuration pin signal, the hardware configuration pin signal is listed last.
2 PU is pull-up, and PD is pull-down. The internal pull-up or pull-down resistor is predefined and nonconfigurable. N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com