Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 60 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 60 of 125
Table 52. Bit Descriptions for IMASK0
Bits
Bit Name
Description
Reset
Access
8
TTSCAAM
Transmit Time Stamp Capture Available A Mask. Setting this bit to 1 prevents the Transmit Time Stamp Capture
Available A status bit in STATUS0 from asserting the footer EXST bit.
0x1
R/W
7
PHYINTM
Physical Layer Interrupt Mask. Setting this bit to 1 prevents the physical layer interrupt (PHYINT) status bit in
STATUS0 from asserting the footer EXST bit.
0x1
R/W
6
RESETCM
RESET Complete Mask. This bit is reserved as a mask for the reset complete (RESETC) status bit. This bit
is read only and always zero as the RESETC status bit is a nonmaskable interrupt that causes INT to always
assert when RESETC is set.
0x0
R
5
HDREM
Header Error Mask. Setting a 1 to this bit prevents the header error (HDRE) status bit in STATUS0 from
asserting the footer EXST bit. This field is only used with the OPEN Alliance SPI protocol.
0x1
R/W
4
LOFEM
Loss of Frame Error Mask. Setting a 1 to this bit prevents the loss of frame error (LOFE) status bit in STATUS0
from asserting the footer EXST bit.
0x1
R/W
3
RXBOEM
Receive Buffer Overflow Error Mask. Setting a 1 to this bit prevents the receive buffer overflow error (RXBOE)
status bit in STATUS0 from the footer EXST bit.
0x1
R/W
2
TXBUEM
Transmit Buffer Underflow Error Mask. Setting a 1 to this bit prevents the transmit buffer underflow error
(TXBUE) status bit in STATUS0 from asserting the footer EXST bit.
0x1
R/W
1
TXBOEM
Transmit Buffer Overflow Error Mask. Setting a 1 to this bit prevents the transmit buffer overflow error (TXBOE)
status bit in STATUS0 from asserting the footer EXST bit.
0x1
R/W
0
TXPEM
Transmit Protocol Error Mask. Setting a 1 to this bit prevents the transmit protocol error (TXPE) status bit in
STATUS0 from asserting INT.
0x1
R/W
Mask Bits for Driving the Interrupt Pin Register
Address: 0x0D, Reset: 0x43FA1F1A, Name: IMASK1
Table 53. Bit Descriptions for IMASK1
Bits
Bit Name
Description
Reset
Access
[31:25]
RESERVED
Reserved.
0x21
R
24
P2_TXFCSEM
Transmit Frame Check Sequence Error Mask for P2_TXFCSE.
0x1
R/W
23
P2_RX_IFG_ERR_MASK
Mask Bit for RX_IFG_ERR.
0x1
R/W
22
P2_TTSCACM
Transmit Time Stamp Capture Available C Mask.
0x1
R/W
21
P2_TTSCABM
Transmit Time Stamp Capture Available B Mask.
0x1
R/W
20
P2_TTSCAAM
Transmit Time Stamp Capture Available A Mask.
0x1
R/W
19
P2_PHYINT_MASK
Mask Bit for P2_PHYINT.
0x1
R/W
18
RESERVED
Reserved.
0x0
R
17
P2_RX_RDY_MASK
Mask Bit for P2_RX_RDY. This field is only used with the generic SPI protocol.
0x1
R/W
[16:13]
RESERVED
Reserved.
0x0
R
12
TX_ECC_ERR_MASK
Mask Bit for TXF_ECC_ERR.
0x1
R/W
11
RX_ECC_ERR_MASK
Mask Bit for RXF_ECC_ERR.
0x1
R/W
10
SPI_ERR_MASK
Mask Bit for SPI_ERR. This field is only used with the generic SPI protocol.
0x1
R/W
9
RESERVED
Reserved.
0x1
R/W
8
P1_RX_IFG_ERR_MASK
Mask Bit for RX_IFG_ERR.
0x1
R/W
[7:5]
RESERVED
Reserved.
0x0
R
4
P1_RX_RDY_MASK
Mask Bit for P1_RX_RDY. This field is only used with the generic SPI protocol.
0x1
R/W
3
TX_RDY_MASK
Mask Bit for TX_FRM_DONE. This field is only used with the generic SPI protocol.
0x1
R/W
2
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com