Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 52 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 52 of 125
Table 42. MAC Register Summary
Address
Name
Description
Reset
Access
0xD3
P2_RX_UCAST_CNT
P2 Rx Unicast Frame Count Register.
0x00000000
R
0xD4
P2_RX_CRC_ERR_CNT
P2 Rx CRC Errored Frame Count Register.
0x00000000
R
0xD5
P2_RX_ALGN_ERR_CNT
P2 Rx Align Error Count Register.
0x00000000
R
0xD6
P2_RX_LS_ERR_CNT
P2 Rx Long/Short Frame Error Count Register.
0x00000000
R
0xD7
P2_RX_PHY_ERR_CNT
P2 Rx PHY Error Count Register.
0x00000000
R
0xD8
P2_TX_FRM_CNT
P2 Tx Frame Count Register.
0x00000000
R
0xD9
P2_TX_BCAST_CNT
P2 Tx Broadcast Frame Count Register.
0x00000000
R
0xDA
P2_TX_MCAST_CNT
P2 Tx Multicast Frame Count Register.
0x00000000
R
0xDB
P2_TX_UCAST_CNT
P2 Tx Unicast Frame Count Register.
0x00000000
R
0xDC
P2_RX_DROP_FULL_CNT
P2 Rx Frames Dropped Due to FIFO Full Register.
0x00000000
R
0xDD
P2_RX_DROP_FILT_CNT
P2 Rx Frames Dropped Due to Filtering Register.
0x00000000
R
0xDE
P2_RX_IFG_ERR_CNT
Frames Received on Port 2 with IFG Errors.
0x00000000
R
0xE0
P2_TX_IFG
P2 Transmit Interframe Gap Register.
0x0000000B
R/W
0xE3
P2_LOOP
P2 MAC Loopback Enable Register.
0x00000000
R/W
0xE4
P2_RX_CRC_EN
P2 CRC Check Enable on Receive Register.
0x00000001
R/W
0xE5
P2_RX_IFG
P2 Receive Interframe Gap Register.
0x0000000A
R/W
0xE6
P2_RX_MAX_LEN
P2 Maximum Receive Frame Length Register.
0x00000618
R/W
0xE7
P2_RX_MIN_LEN
P2 Minimum Receive Frame Length Register.
0x00000040
R/W
0xE8
P2_LO_RFC
P2 Rx Low Priority FIFO Frame Count Register.
0x00000000
R
0xE9
P2_HI_RFC
P2 Rx High Priority FIFO Frame Count Register.
0x00000000
R
0xEA
P2_LO_RXSIZE
P2 Low Priority Rx FIFO Valid Half Words Register.
0x00000000
R
0xEB
P2_HI_RXSIZE
P2 High Priority Rx FIFO Valid Half Words Register.
0x00000000
R
0xEC
P2TOP1_TXSIZE
P2 to P1 Tx Size.
0x00000000
R
0xF0
P2_TTSCAH
Transmit Time Stamp Capture Register A (High).
0x00000000
R
0xF1
P2_TTSCAL
Transmit Time Stamp Capture Register A (Low).
0x00000000
R
0xF2
P2_TTSCBH
Transmit Time Stamp Capture Register B (High).
0x00000000
R
0xF3
P2_TTSCBL
Transmit Time Stamp Capture Register B (Low).
0x00000000
R
0xF4
P2_TTSCCH
Transmit Time Stamp Capture Register C (High).
0x00000000
R
0xF5
P2_TTSCCL
Transmit Time Stamp Capture Register C (Low).
0x00000000
R
Identification Version Register
Address: 0x00, Reset: 0x00000010, Name: IDVER
Table 43. Bit Descriptions for IDVER
Bits
Bit Name
Description
Reset
Access
[31:8]
RESERVED
Reserved.
0x0
R
[7:4]
MAJVER
OA Major Version. Major version identifier of the OPEN Alliance serial 10BASE-T1x MACPHY interface specifica-
tion supported by this device.
0x1
R
[3:0]
MINVER
OA Minor Version. Minor version identifier of the OPEN Alliance serial 10BASE-T1x MACPHY interface specifica-
tion supported by this device.
0x0
R
PHY Identification Register
Address: 0x01, Reset: 0x0283BCA1, Name: PHYID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com