Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 64 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 64 of 125
Table 65. Bit Descriptions for TX_PRI
Bits
Bit Name
Description
Reset
Access
101: 100/0 host/port. The host is always guaranteed access to wire.
110: 0/100 host/port. Port to port traffic always gets priority.
MAC FIFO Clear Register
Address: 0x36, Reset: 0x00000000, Name: FIFO_CLR
Table 66. Bit Descriptions for FIFO_CLR
Bits
Bit Name
Description
Reset
Access
[31:4]
RESERVED
Reserved.
0x0
R
3
LES_P2P_FIFOS_CLR
Clear the Port to Port FIFOs on LES. If a frame is being transmitted from a Tx FIFO, transmission
stops and a bad CRC is appended to the frame. Writes to Rx FIFOs resume at the start of the next
received frame.
0x0
W
2
LES_FIFOS_CLR
Clear All FIFOs. If a frame is being transmitted from a Tx FIFO, transmission stops and a bad CRC
is appended to the frame. Writes to Rx FIFOs resume at the start of the next received frame.
0x0
W
1
RESERVED
Reserved.
0x0
W
0
MAC_RXF_CLR
Clear the Receive FIFOs. Writes to the Rx FIFOs resume at the start of the next frame.
0x0
W
Scratch Registers
Address: 0x37 to 0x3A (Increments of 1), Reset: 0x00000000, Name: SCRATCHn
Table 67. Bit Descriptions for SCRATCHn
Bits
Bit Name
Description
Reset
Access
[31:0]
SCRATCH_DATA
Scratch Data.
0x0
R/W
MAC Reset Status Register
Address: 0x3B, Reset: 0x00000003, Name: MAC_RST_STATUS
If this register returns 0x00000000_00000001 when read, the oscillator clock is active but the 25 MHz crystal clock is not active.
If this register returns 0x00000000_00000003 when read, both the oscillator clock and the 25 MHz crystal clock are active.
If this register returns 0x00000000_00000000 (SDO output pad is enabled as CS is low), the SPI slave and MAC core are both still in reset.
Only single SPI reads of this register are supported. An SPI burst read must not increment into this register.
Table 68. Bit Descriptions for MAC_RST_STATUS
Bits
Bit Name
Description
Reset
Access
[31:2]
RESERVED
Reserved.
0x0
R
1
MAC_CRYSL_CLK_RDY
MAC Crystal Clock Ready. If 0, this field indicates that the MAC core has released from reset.
If 1, this field indicates that the MAC core released from reset. The MAC core is released from
reset when the crystal clock (25 MHz) is ready.
0x1
R
0
MAC_OSC_CLK_RDY
MAC Oscillator Clock Ready.
0x1
R
Software Reset Register
Address: 0x3C, Reset: 0x00000000, Name: SOFT_RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com