Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 57 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 57 of 125
Table 48. Bit Descriptions for CONFIG2
Bits
Bit Name
Description
Reset
Access
valid CRC header at the end. It is recommended that the host always appends a CRC32 with
the frame as this provides errors detection over the SPI for transmitted frames. The CRC32
is checked as the frame is transmitted. If an error is detected, TXFCSE asserts. Similarly on
receive, the CRC32 is forwarded with the frame to the host where the host verifies it is correct.
4
P1_RCV_IFG_ERR_FRM
Admit Frames with IFG Errors on Port 1. If enabled, the MAC admits frames with IFG errors on
Port 1. Enables reception of frames that violate the minimum IFG requirement on Port 1.
0x0
R/W
3
RESERVED
Reserved.
0x0
R/W
2
P1_FWD_UNK2HOST
Forward Frames Not Matching Any MAC Address to the Host. Determines the default rule for
forwarding unknown frames. Frames with an unknown destination address are placed in the
low priority FIFO.
0x0
R/W
[1:0]
MSPEED
SPI to MDIO Bridge MDC Clock Speed.
0x0
R/W
00: 2.5 MHz.
01: 4.166 MHz.
Status Register 0
Address: 0x08, Reset: 0x00000040, Name: STATUS0
Table 49. Bit Descriptions for STATUS0
Bits
Bit Name
Description
Reset
Access
[31:13]
RESERVED
Reserved.
0x0
R
12
CDPE
Control Data Protection Error. When control data read/write protection is enabled, this bit indicates that the
MACPHY detected an error in protected control write data received from the host. When not implemented, this
bit is reserved with a read-only value of zero. This field is only used with the OPEN Alliance SPI protocol.
0x0
R/W1C
11
TXFCSE
Transmit Frame Check Sequence Error. This bit indicates that a frame was received over SPI from the host with
an invalid FCS appended. The frame is still forwarded from the device as the FCS is checked as the frame is
being transmitted.
0x0
R/W1C
10
TTSCAC
Transmit Time Stamp Capture Available C.
0x0
R/W1C
9
TTSCAB
Transmit Time Stamp Capture Available B.
0x0
R/W1C
8
TTSCAA
Transmit Time Stamp Capture Available A.
0x0
R/W1C
7
PHYINT
PHY Interrupt for Port 1. Host software must read the MDIO Interrupt Status registers (PHY_SUB-
SYS_IRQ_STATUS or CRSM_IRQ_STATUS) to determine the source of the interrupt. When exiting power-on
reset or pin reset this bit is asserted, but this field is masked from asserting an interrupt by default.
0x0
R
6
RESETC
Reset Complete. This bit is set when the MACPHY reset is complete and ready for configuration. When it is set,
it generates a nonmaskable interrupt assertion on INT to alert the SPI host. Additionally, setting the RESETC bit
also sets EXST = 1 in the first Rx footer, or until this bit is cleared by action of the SPI host writing a 1.
0x1
R/W1C
5
HDRE
Header Error. When set, this bit indicates that the MACPHY detected an invalid header received from the SPI
host. The invalid header is due to a parity check error. This field is only used with the OPEN Alliance SPI
protocol.
0x0
R/W1C
4
LOFE
Loss of Frame Error. When set, this bit indicates that the MACPHY detected an early deassertion of CS prior to
the expected end of a data chunk or command control transaction. Note that this bit field also asserts if CDPE
asserts.
0x0
R/W1C
3
RXBOE
Receive Buffer Overflow Error. When set, this bit indicates that the receive buffer (from the network) overflowed
and the receive frame data was lost.
0x0
R/W1C
2
TXBUE
Host Tx FIFO Under Run Error. This error can only assert when cut through from the host is enabled. The host
software ensures this bit never asserts by writing frame data to the MAC at a rate greater than 10 Mbps. If an
under run error occurs, transmit of the current packet stops.
0x0
R/W1C
1
TXBOE
Host Tx FIFO Overflow. The host software ensures this bit never asserts by checking the space available in
the Tx FIFO before writing to the Tx FIFO. If using the OPEN Alliance SPI Data protocol, the space in the Tx
0x0
R/W1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com