Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 95 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 95 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 91Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 92Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 93Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 94Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 95Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 96Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 97Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 98Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 95 of 125
Table 170. Bit Descriptions for PMA_PMD_EXT_ABILITY
Bits
Bit Name
Description
Reset
Access
[10:0]
RESERVED
Reserved.
0x0
R
BASE-T1 PMA/PMD Extended Ability Register
Device Address: 0x01; Register Address: 0x0012, Reset: 0x0004, Name: PMA_PMD_BT1_ABILITY
This address corresponds to the BASE-T1 PMA/PMD extended ability register specified in Clause 45.2.1.16 of Standard 802.3. This register is
read only and writes have no effect.
Table 171. Bit Descriptions for PMA_PMD_BT1_ABILITY
Bits
Bit Name
Description
Reset
Access
[15:4]
RESERVED
Reserved.
0x0
R
3
B10S_ABILITY
10BASE-T1S Ability. This bit always reads as 0 because the PMA/PMD does not support 10BASE-T1S.
0x0
R
2
B10L_ABILITY
10BASE-T1L Ability. This bit always reads as 1 because the PMA/PMD supports 10BASE-T1L.
0x1
R
1
B1000_ABILITY
1000BASE-T1 Ability. This bit always reads as 0 because the PMA/PMD does not support 1000BASE-T1.
0x0
R
0
B100_ABILITY
100BASE-T1 Ability. This bit always reads as 0 because the PMA/PMD does not support 100BASE-T1.
0x0
R
BASE-T1 PMA/PMD Control Register
Device Address: 0x01; Register Address: 0x0834, Reset: 0x8002, Name: PMA_PMD_BT1_CONTROL
This address corresponds to the BASE-T1 PMA/PMD control register specified in Clause 45.2.1.185 of Standard 802.3.
Table 172. Bit Descriptions for PMA_PMD_BT1_CONTROL
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x1
R
14
CFG_MST
Master and Slave Configuration. CFG_MST is used only when autonegotiation is disabled.
Otherwise, this value is determined by the autonegotiation process itself. When this bit is set
as 1, the device is configured as a master. Otherwise, the device is configured as a slave.
0x1 (PORT1), 0x0
(PORT2)
R/W
[13:4]
RESERVED
Reserved.
0x0
R
[3:0]
BT1_TYPE_SEL
BASE-T1 Type Selection. See IEEE Standard 802.3 for the following control register bit definitions
(where X means don't care):
0x2
R/W
1XXX: Reserved.
01XX: Reserved.
0011: 10BASE-T1S.
0010: 10BASE-T1L.
0001: 1000BASE-T1.
0000: 100BASE-T1.
BT1_TYPE_SEL is used only when autonegotiation is disabled and forced link configuration mode
is enabled. If autonegotiation is enabled, the PHY type is determined by the autonegotiation
process itself. Note that for ADIN2111, the only valid value is for 10BASE-T1L.
0010: 10BASE-T1L.
10BASE-T1L PMA Control Register
Device Address: 0x01; Register Address: 0x08F6, Reset: 0x0000, Name: B10L_PMA_CNTRL
This address corresponds to the 10BASE-T1L PMA control register specified in Clause 45.2.1.186a of Standard 802.3cg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com