Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 70 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 70 of 125
When writing the ADDR_MSK_x registers, all two register locations must be written in order for a given table entry. They must be written in
order with the UPR register written first and the LWR register written last.
Table 80. Bit Descriptions for ADDR_MSK_LWRn
Bits
Bit Name
Description
Reset
Access
[31:0]
MAC_ADDR_MASK, Bits[31:0]
MAC Address Bit Mask for the Address Table.
0xFFFFFFFF
R/W
Time Stamp Accumulator Addend Register
Address: 0x80, Reset: 0x85555555, Name: TS_ADDEND
Table 81. Bit Descriptions for TS_ADDEND
Bits
Bit Name
Description
Reset
Access
[31:0]
TS_ADDEND
Time Stamp Accumulator Addend.
0x85555555
R/W
Timer Update Compare Register
Address: 0x81, Reset: 0x3B9ACA00, Name: TS_1SEC_CMP
Table 82. Bit Descriptions for TS_1SEC_CMP
Bits
Bit Name
Description
Reset
Access
[31:0]
TS_1SEC_CMP
Time Stamp 1 Second Compare Value.
0x3B9ACA00
R/W
Seconds Counter Register
Address: 0x82, Reset: 0x00000000, Name: TS_SEC_CNT
Use this register to write to the seconds counter.
Table 83. Bit Descriptions for TS_SEC_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
TS_SEC_CNT
Write to the Seconds Counter.
0x0
R/W
Nanoseconds Counter Register
Address: 0x83, Reset: 0x00000000, Name: TS_NS_CNT
Use this register to write to the nanoseconds counter.
Table 84. Bit Descriptions for TS_NS_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
TS_NS_CNT
Write to the Nanoseconds Counter. Note that this register must be programmed with a value that is divisible by
16 decimal. This is because the counters are driven by a 120 MHz clock and increment in steps of 16.
0x0
R/W
Timer Configuration Register
Address: 0x84, Reset: 0x00000000, Name: TS_CFG
Table 85. Bit Descriptions for TS_CFG
Bits
Bit Name
Description
Reset
Access
[31:5]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com