Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 62 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 62 of 125
Use this register to access the PHY registers via the SPI to MDIO bridge.
Table 60. Bit Descriptions for MDIOACCn
Bits
Bit Name
Description
Reset
Access
31
MDIO_TRDONE
Transaction Done. This bit must be written to 0 by the SPI host to initiate an MDIO transaction. The
MACPHY sets this bit to 1 when the MDIO transaction completes.
0x1
R/W
30
MDIO_TAERR
Turnaround Error. The MACPHY sets this bit to 1 when a turnaround error occurs during the MDIO
transaction. If this occurs, the contents of the DATA field for read and read-post-increment-address
operations must be ignored.
0x0
R
[29:28]
MDIO_ST
Start of Frame. This field selects between Clause 45 and Clause 22 MDIO access.
0x0
R/W
00: Clause 45.
01: Clause 22.
[27:26]
MDIO_OP
Operation Code.
0x3
R/W
00: MD address command.
01: write command.
11: read command.
10: incremental read command.
[25:21]
MDIO_PRTAD
MDIO Port Address. This is the address of target port (PHY). This is called port address (PRTAD) for
Clause 45, and called PHY address (PHYAD) for Clause 22.
0x0
R/W
[20:16]
MDIO_DEVAD
MDIO Device Address. When using Clause 45, this is the device address. When using Clause 22, this is
the register address.
0x0
R/W
[15:0]
MDIO_DATA
Data/Address Value. For a write operation (Clause 45 or Clause 22), the SPI host must set this
to the 16-bit value to be written. For an address operation (Clause 45), the SPI host must set
this to the 16-bit register address value. For a read operation (Clause 45 or Clause 22), or for a
read-post-increment-address operation (Clause 45), the SPI host must set this value to 0. On completion
of the MDIO transaction (as indicated by TRDONE), the MACPHY sets this to the 16-bit value read.
0x0
R/W
MAC Tx Frame Size Register
Address: 0x30, Reset: 0x00000000, Name: TX_FSIZE
Table 61. Bit Descriptions for TX_FSIZE
Bits
Bit Name
Description
Reset
Access
[31:11]
RESERVED
Reserved.
0x0
R
[10:0]
TX_FRM_SIZE
Transmit Frame Size. This field indicates the size of the frame that is written to the transmit FIFO in bytes
when using the generic SPI protocol. The size must include the 2-byte frame header. This is used on the
SPI side of the Tx FIFO to determine when the full frame is written. When the full frame byte count is
reached, subsequent writes to MAC_TX register are ignored until the MAC_TXF_SIZE is written again. This
field is only used with the generic SPI protocol.
0x0
R/W
MAC Transmit Register
Address: 0x31, Reset: 0x00000000, Name: TX
The transmit FIFO is written via this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com