Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 125 page
background image
Data Sheet
ADIN2111
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 33 of 125
Transistor Controlled LED
Figure 18 displays a typical configuration where the LED current
required is higher than what the Px_LED_0 and Px_LED_1 pins
can supply. The circuit operates using the active high LED mode.
An external transistor, such as an N channel metal-oxide semicon-
ductor field effect transistor (MOSFET), can be used. The transistor
must be selected so that the gate input capacitance is not sinking
current above the maximum rating of the Px_LED_x pin during
the actuation. Refer to the transistor technical specifications for
information. If required, the inrush current can be reduced by
placing a resistance between the transistor gate and the ADIN2111
pin, and/or adding a parallel capacitor between the GND and the
Px_LED_x pin. The additional resistor and capacitor values must be
defined based on the transistor selection.
Select the R0 and R1 resistors to control the LED current (refer to
the selected LED and transistor specifications of the manufacturer
for information).
External pull-down resistors (RPD0 and RPD1) with a value of 4.7 kΩ
are recommended. In Figure 18, VCC is the power supply used to
supply the LEDs.
Figure 18. Transistor Controlled LED Configuration
Autosense Polarity
In autosense mode, the polarity of the LED is automatically detect-
ed during power-up, hardware reset, or software reset. LED_0
(internal pull-up) and LED_1 (internal pull-down) have different
autosense behaviors due to their internal pull-up and pull-down
configurations. Use one of the configurations described in the
Active High LED Polarity, Active Low LED Polarity, and Transistor
Controlled LED sections so that the two LEDs can be controlled the
same way.
COMPONENT RECOMMENDATIONS
Crystal
The typical connection for an external crystal (XTAL) is shown
in Figure 19. To ensure minimum current consumption and to min-
imize stray capacitances, make connections between the crystal,
capacitors, and ground as close to the ADIN2111 as possible. Con-
sult individual crystal vendors for recommended load information
and crystal performance specifications.
The crystal specification defines CL. CPCB1 and CPCB2 are the
parasitic impedances of the PCB between XTAL_I/CLK_IN and
ground, and between XTAL_O and ground, respectively. CX1 is the
capacitor connected to XTAL_I/CLK_IN, and CX2 is the capacitor
connected to XTAL_O.
Assuming the following:
►
CPCB1 ≈ CPCB2 ≈ CPCBx
►
CX1 ≈ CX2 ≈ CXx
Then, CXx = 2 × CL – CPCBx – 3 pF
Choose precision capacitors for CXx with low appreciable tempera-
ture coefficients to minimize frequency errors.
To ensure minimum current consumption and to minimize stray ca-
pacitances, make the connections between the crystal, capacitors,
and ground as close to the ADIN2111 as possible.
ADIN2111
25MHz
C
CX1
X2
CPCB2
CPCB1
Figure 19. Crystal Oscillator Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com