Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 125 page
background image
Data Sheet
ADIN2111
SWITCH SPI
analog.com
Rev. 0 | 40 of 125
Data Chunks
Transmit data chunks consist of a 4-byte header followed by the
transmit data chunk payload, as shown in Figure 24.
HEADER
32 BITS
TRANSMIT ETHERNET FRAME
PAYLOAD FROM SPI HOST ON MOSI
4 BYTES TRANSMIT HEADER AND CHUNK PAYLOAD BYTES
Figure 24. Transmit Data Chunk
Receive data chunks consist of the receive data chunk payload
followed by a 4-byte footer, as shown in Figure 25.
CHUNK PAYLOAD BYTES AND 4 BYTES RECEIVER HEADER
FOOTER
32 BITS
RECEIVE ETHERNET FRAME
PAYLOAD TO SPI HOST ON MOSI
Figure 25. Receive Data Chunk
The default size of the data chunk payload is 64 bytes. This size
can be configured to 8 bytes, 16 bytes, 32 bytes, or 64 bytes via
the chunk payload selector bits. The data chunk size must be con-
figured before enabling data transmission or reception. Therefore,
when the data chunk size is configured, it must not be changed
without resetting the ADIN2111.
Data Chunk Transactions
Data transactions consist of 1 to N chunks on SDO and SDI. The
4-byte data header occurs at the beginning of each transmit data
chunk on SDO, and the 4-byte data footer occurs at the end of
each data chunk on SDI. These headers and footers contain the
information needed to determine the validity and location of the
transmitted and received frames within the data chunk payload.
The Ethernet frames start at any 32-bit aligned word within the
payloads, as shown in Figure 26 and Figure 27.
TX/MOSI
CASES
EVERY TX
FRAME FIT INTO
CHUNK
FRAMES START AT ANY
32-BIT ALIGNED WORD
WITHIN THE TX DATA
CHUNK PAYLOAD
START OF FRAME
END OF FRAME
TX FRAME
CONCATENATION
NO TX FRAME
CONCATENATION
NO TX DATA
(DV = 0)
NO TX FRAME
CONCATENATION
(GAP IN TX)
TX FRAME ENDS
AT CHUNK
BOUNDARY
CHUNK 1
CHUNK 2
CHUNK 3
CHUNK 4
ETH FR1
ETH FR1
ETH FR2
ETH FR2
ETH FR1
ETH FR1
ETH FR2
ETH FR2
ETH FR3
ETH FR4
ETH FR1
Figure 26. Transmit Data Chunk Cases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com