Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 78 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 78 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 79Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 80Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 81Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 78 of 125
Table 119. Bit Descriptions for P1_HI_RXSIZE
Bits
Bit Name
Description
Reset
Access
[31:14]
RESERVED
Reserved.
0x0
R
[13:0]
P1_HI_RXSIZE
Data in the Rx FIFO. Number of half words (16 Bits).
0x0
R
P1 to P2 Tx Size Register
Address: 0xBC, Reset: 0x00000000, Name: P1TOP2_TXSIZE
Number of valid half words (16 Bits) in Port 1 Tx FIFO to be transmitted to Port 2.
Table 120. Bit Descriptions for P1TOP2_TXSIZE
Bits
Bit Name
Description
Reset
Access
[31:14]
RESERVED
Reserved.
0x0
R
[13:0]
P1TOP2_TXSIZE
Data in Port 1 Tx FIFO. Number of 16-bit words to transmit to Port 1.
0x0
R
P2 MAC Rx Frame Size Register
Address: 0xC0, Reset: 0x00000000, Name: P2_RX_FSIZE
Table 121. Bit Descriptions for P2_RX_FSIZE
Bits
Bit Name
Description
Reset
Access
[31:11]
RESERVED
Reserved.
0x0
R
[10:0]
P2_RX_FRM_SIZE
Receive Frame Size. The size of the frame at the head of the Rx FIFO in bytes. The size includes the
appended header. This register must be read before starting a frame transfer from a receive FIFO via
P2_RX. Only used with the generic SPI protocol.
0x0
R
P2 MAC Receive Register
Address: 0xC1, Reset: 0x00000000, Name: P2_RX
The receive FIFO is read via this register. It is possible to burst read data from the Rx FIFO over SPI.
Table 122. Bit Descriptions for P2_RX
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_RDR
Receive Data Register. This field is only used with the generic SPI protocol. Reading this register returns the four
bytes at the top of the receive FIFO and pops these four bytes from the FIFO. The upper 8 bits contain the first
byte, the next 8 bits contain the second byte, and so on. When a complete frame is read out, no further data is
returned from the Port 2 Rx FIFOs until the P2_RX_FRM_SIZE register is read first.
0x0
R
P2 Rx Frame Count Register
Address: 0xD0, Reset: 0x00000000, Name: P2_RX_FRM_CNT
Table 123. Bit Descriptions for P2_RX_FRM_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_RX_FRM_CNT
Rx Frame Count. This register increments for received good and bad frames.
0x0
R
P2 Rx Broadcast Frame Count Register
Address: 0xD1, Reset: 0x00000000, Name: P2_RX_BCAST_CNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com