Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 125 page
background image
Data Sheet
ADIN2111
SWITCH SPI
analog.com
Rev. 0 | 36 of 125
Table 30. Control Write Transaction with CRC
MSB
LSB
D102
D101
D101
D100 to D89
D88 to D80
D79 to D48
D47 to D40
D39 to D8
D7 to D0
SDI
1
0
R/W
ADDR[12:0]
CRC[7:0]
DATA0[31:0]
CRC[7:0]
DATA1[31:0]
CRC[7:0]
Table 31. Control Read Transaction with CRC
MSB
LSB
D110
D109
D108
D107 to D96
D95 to D88
D87 to D80
D79 to D48
D47 to D40
D39 to D8
D7 to D0
SDI
1
0
R/W
ADDR[12:0]
CRC[7:0]
TA[7:0]
0
0
0
0
SDO
DATA0[31:0]
CRC[7:0]
DATA1[31:0]
CRC[7:0]
Table 32. Data Write Transaction with CRC
MSB
LSB
D86
D85
D84
D83 to D71
D71 to D64
D63 to D32
D31 to D0
SDI
1
0
R/W
ADDR[12:0]
CRC[7:0]
DATA0[31:0]
DATA1[31:0]
Table 33. Data Read Transaction with CRC
MSB
LSB
D94
D93
D92
D91 to D80
D79 to D72
D71 to D64
D63 to D32
D31 to 0
SDI
1
0
R/W
ADDR[12:0]
CRC[7:0]
TA[7:0]
0
0
SDO
DATA0[31:0]
DATA1[31:0]
The generic SPI protocol is half duplex. Therefore, it is not possible
to write frame data into the MAC_TX register and read from the
MAC_RX register at the same time. Because of this, the SPI SCLK
frequency must be 25 MHz to achieve full duplex transmissions on
Ethernet at 10 Mbps.
MAC Frame: Transmit and Receive
The 2-byte frame header shown in Table 34 is appended to all
transmitted and received frames. This frame header always pre-
cedes the frame data (see Figure 21).
Time Stamp Capture
On receive, if TIME_STAMP_PRESET is asserted, an additional
4-byte or 8-byte time stamp is provided after the 2-byte header in
Table 34 and before the data frame. This time stamp can then be
stored or discarded by software when reading the receive FIFO.
On transmit, if EGRESS_CAPTURE is set other than 00, the
ADIN2111 captures the time stamp of the transmitted frame into
the respective TTSCxH and TTSCxL registers for Port 1, and
P2_TTSCxH and P2_TTSCxL for Port 2.
To enable the time stamp capture signal pin, enable the P1_LED_0
or TEST_1 pins to be muxed as the time stamp input pin using the
DIGIO_TSCAPT_PINMUX bits field in the Pin Mux Configuration 1
register (DIGIO_PINMUX).
The time stamp counter can be enabled by setting TS_EN
(TS_CFG register) to 1 and setting FTSE (CONFIG0 register) to
1.
Time Stamp Timer Output
The ADIN2111 supports a TS_TIMER output signal. TS_TIMER can
be started at a defined time relative to the nanoseconds counter.
The TS_TIMER counter start time register (TS_TIMER_START) is
used to set the start time. TS_TIMER then toggles based on the
high and low times configured in high period for the TS_TIMER
register (TS_TIMER_HI) and low period for the TS_TIMER register
(TS_TIMER_LO).
Use the following sequence to enable the TS_TIMER output:
1. Configure the P1_LED_0 pin to the TS_TIMER function using
the LED control register (LED_CNTRL).
2. To change the default value of the TS_TIMER from 0 to 1,
write 1 to TS_TIMER_DEF in the timer configuration register
(TS_CFG). TS_TIMER immediately toggles from 0 to 1.
3. Write to the TS_TIMER_HI and TS_TIMER_LO bits to set the
required high time and low time for the TS_TIMER output.
4. Configure the quantization error correction register (TS_TIM-
ER_QE_CORR) to set the required quantization error correc-
tion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com