Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 125 page
background image
Data Sheet
ADIN2111
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 32 of 125
Figure 14. Supplies and Capacitors for Single-Supply 2.4 V p-p Transmit
Mode
ETHERNET DAISY CHAIN, LINE, AND RING
NETWORK TOPOLOGIES
The ADIN2111 is targeted at building automation and factory auto-
mation applications that deploy 10BASE-T1L in a daisy chain, line,
or ring network topology. These network topologies significantly
reduce the amount of cabling required when compared to a star
network.
The ADIN2111 integrates two 10BASE-T1L PHY and a store and
forward switch to provide a single chip, low power solution for
adding devices to a daisy chain, line, or ring network topology. The
ADIN2111 provides an industry standard SPI for the device connec-
tion. Using SPI eases the requirements for the host processor and
gives the user more choices to optimize a device for power, cost,
and performance.
ADIN1100
CONTROLLER
ADIN2111
ADIN2111
ADIN2111
SPI HOST
10BASE-T1L LINKS
SPI HOST
SPI HOST
Figure 15. Daisy Chain Topology Using ADIN2111
LED CIRCUIT EXAMPLES
The LED_0 and LED_1 pins can be used in various circuit configu-
rations depending on the LED polarity mode defined in the LED
polarity register (LED_POLARITY). The circuits described in the
Active High LED Polarity, Active Low LED Polarity, and Autosense
Polarity sections provide examples for the following three polarity
modes that are available for each LED:
►
Active high
►
Active low
►
Autosense (default)
The output current for the LED_0 and LED_1 pins is 8 mA with
VDDIO = 3.3 V (see the Specifications section for details). For
higher current requirements, consider using the circuit described in
the Transistor Controlled LED section.
Active High LED Polarity
In the active high configuration, the Px_LED_x pin can drive an
external LED from the anode side. Select the R0 and R1 resistors
to control the LED current (refer to the LED specifications in Table 1
for information). External pull-down resistors (RPD0 and RPD1) with a
value of 4.7 kΩ are recommended.
Px_LED_1
Px_LED_O
ADIN2111
R0
R1
RPD1
RPD0
VDDIO
RPU
RPD
Figure 16. Active High LED Polarity Configuration
Active Low LED Polarity
In the active low configuration, the Px_LED_x pin can drive an
external LED from the cathode side. Select the R0 and R1 resistors
to control the LED current (refer to the LED specifications in Table
1 for information). External pull-up resistors (RPU0 and RPU1) with a
value of 4.7 kΩ are recommended.
Px_LED_1
Px_LED_O
ADIN2111
R0
R1
VDDIO
VDDIO
RPU1
VDDIO
RPU0
VDDIO
VDDIO
RPU
RPD
Figure 17. Active Low LED Polarity Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com