Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 101 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 101 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 97Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 98Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 99Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 100Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 101Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 102Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 103Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 104Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 105Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 125 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. 0 | 101 of 125
Table 189. Bit Descriptions for AN_ADV_ABILITY_L
Bits
Bit Name
Description
Reset
Access
the master/slave configuration is a forced mode. (The configuration in AN_ADV_MST is
a forced configuration.) See IEEE Standard 802.3 Subclause 98.2.1.2.5 for more details.
[11:10]
AN_ADV_PAUSE
Pause Ability. This bit field advertises support for asymmetric and symmetric pause
functions on full duplex links. See IEEE Standard 802.3 Subclause 98.2.1.2.6 for more
details.
0x0
R/W
[9:5]
RESERVED
Reserved.
0x0
R
[4:0]
AN_ADV_SELECTOR
Selector. The value of this bit field is fixed at 00001, which is the IEEE 802.3 selector
value. See IEEE Standard 802.3 Subclause 98.2.1.2.1.
0x1
R
BASE-T1 Autonegotiation Advertisement Register, Bits[31:16]
Device Address: 0x07; Register Address: 0x0203, Reset: 0x4000, Name: AN_ADV_ABILITY_M
This address corresponds to the BASE-T1 autonegotiation advertisement register, Bits [31:16], specified in Clause 45.2.7.21 of Standard 802.3.
Table 190. Bit Descriptions for AN_ADV_ABILITY_M
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x0
R
14
AN_ADV_B10L
10BASE-T1L Ability. This bit indicates that the device is compatible with 10BASE-T1L.
0x1
R/W
[13:5]
RESERVED
Reserved.
0x0
R
4
AN_ADV_MST
Master/slave Configuration. This bit advertises the master/slave configuration, as follows: 0: slave,
1: master. See also the AN_ADV_FORCE_MS bit, which determines whether this bit expresses
a preference or a forced value. See IEEE Standard 802.3 Subclause 98.2.1.2.3 (master/slave
configuration is Bit 4 of the transmitted nonce field).
Pin Dependent
R/W
[3:0]
RESERVED
Reserved.
0x0
R
BASE-T1 Autonegotiation Advertisement Register, Bits[47:32]
Device Address: 0x07; Register Address: 0x0204, Reset: 0x0000, Name: AN_ADV_ABILITY_H
This address corresponds to the BASE-T1 autonegotiation advertisement register, Bits[47:32], specified in Clause 45.2.7.21 of Standard 802.3.
Table 191. Bit Descriptions for AN_ADV_ABILITY_H
Bits
Bit Name
Description
Reset
Access
[15:14]
RESERVED
Reserved.
0x0
R
13
AN_ADV_B10L_TX_LVL_HI_ABL
10BASE-T1L High Level Transmit Operating Mode Ability. This
bit advertises that the PHY is capable of transmitting in the
high level (2.4 V p-p) transmit operating mode. This bit is
used with AN_ADV_B10L_TX_LVL_HI_REQ to configure the 10BASE-
T1L transmission level (2.4 V p-p or 1.0 V p-p). See the
AN_ADV_B10L_TX_LVL_HI_REQ bit for more details.
Pin dependent
R/W
12
AN_ADV_B10L_TX_LVL_HI_REQ
10BASE-T1L High Level Transmit Operating Mode Request. This
bit advertises that the PHY is requesting that high level (2.4 V
p-p) transmit operating mode be used. The transmit level is re-
solved as follows: If either PHY is not capable of high level trans-
mission (and has AN_ADV_B10L_TX_LVL_HI_ABL = 0), both PHYs
must use the low voltage (1.0 V p-p) transmit operating mode.
Otherwise, if either PHY requests high level transmission (and has
AN_ADV_B10L_TX_LVL_HI_REQ = 1), both PHYs must use the high volt-
Pin dependent
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com