Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 124 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 124 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 117Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 118Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 119Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 120Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 121Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 122Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 123Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 124Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 125Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 124 / 125 page
background image
Data Sheet
ADIN2111
PCB LAYOUT RECOMMENDATIONS
analog.com
Rev. 0 | 124 of 125
LAND PATTERN
The LFCSP has an exposed pad underneath the package that
must be soldered to the PCB ground for mechanical, electrical, and
thermal reasons.
For thermal impedance performance and to maximize heat transfer
to the PCB, the use of a 4 × 4 array of thermal vias beneath
the exposed ground pad is recommended. Via tenting is also
recommended.
COMPONENT PLACEMENT AND ROUTING
Prioritization of the critical traces and components helps simplify
the routing exercise. Place and orient the critical traces and compo-
nents first to ensure an effective layout. The critical components are
the crystal and load capacitors, the CEXT_2, CEXT_3, CEXT_6,
and CEXT_7 capacitors, and all bypass capacitors local to the
ADIN2111 device. Prioritize these components for placement and
routing, as follows:
►
Place the decoupling capacitor as close as possible to their input
pins.
►
Minimize traces turns, and use a 45° corner.
►
Avoid traces crossing power planes on adjacent layers.
►
Avoid stubs.
►
Keep the MDI traces (P1_TXP, P1_TXN, P2_TXP, and P2_TXN)
as short as possible.
►
Use matched length differential lines for each port with a differen-
tial impedance of 100 Ω.
►
Avoid vias on a high speed signal. Place ground vias next to the
signal vias to improve the return current path.
CRYSTAL PLACEMENT AND ROUTING
Particular attention is required on the crystal placement and routing
to ensure minimum current consumption, reduce stray capacitance,
and improve noise immunity.
Follow these recommendations:
►
Place the crystal, capacitors as close as possible to the
ADIN2111 XTAL_I/CLK_IN and XTAL_O pins.
►
Place the load capacitors close to each other.
►
Use a local GND plane (copper island) for the crystal and load
capacitors with a single point connection to the main GND.
►
Reduce parasitic capacitance by keeping the XTAL_I and
XTAL_O traces away from each other.
►
Adding a copper keepout on the layer beneath the crystal can
also reduce the parasitic capacitance.
PCB STACK
Follow these recommendations for the PCB stack:
►
Use a PCB stack with a minimum of four layers. Consider six
layers or more with external layers used as ground planes to
improve EMI issues (optional).
►
Define copper layer thickness based on the application and
power requirements.
►
Use internal layers for the power and ground planes.
►
Use external layers for the signal traces.
►
Use via stitching to improve ground and reduce EMI. The
stitching pattern and via to via gaps are defined based on the
application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com