Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 46Page - STMicroelectronics L9788 Datasheet HTML 47Page - STMicroelectronics L9788 Datasheet HTML 48Page - STMicroelectronics L9788 Datasheet HTML 49Page - STMicroelectronics L9788 Datasheet HTML 50Page - STMicroelectronics L9788 Datasheet HTML 51Page - STMicroelectronics L9788 Datasheet HTML 52Page - STMicroelectronics L9788 Datasheet HTML 53Page - STMicroelectronics L9788 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 264 page
background image
Watchdog
L9788
50/264
DS12308 Rev 4
"… within the time window" means that the end of writing the last answer byte - i.e.
RESP_BYTE0 - falls into the fixed time window mentioned above (see picture below).
Except the last answer byte, the previous answer bytes may also be written earlier than the
beginning of the fixed time window.
The question sequence is deterministic. A question will be repeated until it is answered
correctly both in value and in time. Then the next question is placed in the sequence.
The ERROR COUNTER (EC) is a 3-bit counter. Various actions are activated depending on
the value of the counter.
The result of the comparison of the controller response and the calculated correct response,
as well as the next question, are available in registers REQULO after receiving the µC
response (LSB of RESP_BYTE0) and can be read by the controller.
Figure 19. Monitoring cycle diagram
4.1.2
ERR CNT (EC) and reactions, PWR COUNTER (PWR_CNT) and
generation of the monitoring module reset
Various actions are initiated for specific counter states of the ERROR COUNTER EC. The
counter reset state is 6.
For ERROR COUNTER (EC) > 4, the open drain output WDA is pulled low (active).
If the ERROR COUNTER reaches the value “7” and a further error occurs the PWR_CNT is
incremented by one during a sequencer-run.
The state "EC = 7 and a further error occurs" is also called ERROR COUNTER overflow
("EC" > 7).
start monitor cycle
CPU response
end of writing RESP_BYTE0
starts next monitor cycle
GADG2511161221PS
1.6 ms < response time window < 100.8 ms @ 64 kHz ±5%
time window = 12.8 ms @ 64 kHz ±5%
Table 19. Error counter
ERR_CNT
0 … 4
5
6 … 7
Overflow
ERR_CNT > 7
WDA
Hi-Z
Low
Low
Low
PWR_CNT 0
unchanged
unchanged
Incremented by 1
Internal
PWR_CNT
signal
Low (not
active)
If PWR_CNT = 7 and
ERR_CNT increase
=> High (active)
Else unchanged
If PWR_CNT = 7
and ERR_CNT
increase => High
(active)
Else unchanged
PWR_CNT < 7 Low (inactive)
PWR_CNT 6->7 Low
(inactive)
PWR_CNT 7 -> 7 High
(active)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com