Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 88 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 84Page - STMicroelectronics L9788 Datasheet HTML 85Page - STMicroelectronics L9788 Datasheet HTML 86Page - STMicroelectronics L9788 Datasheet HTML 87Page - STMicroelectronics L9788 Datasheet HTML 88Page - STMicroelectronics L9788 Datasheet HTML 89Page - STMicroelectronics L9788 Datasheet HTML 90Page - STMicroelectronics L9788 Datasheet HTML 91Page - STMicroelectronics L9788 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 264 page
background image
Low-side drivers
L9788
88/264
DS12308 Rev 4
7.2
Low-side driver - INJECTOR INJ[1:4]
These 4 low-side drivers are designed to driver Injector Load. They are driven by MSC
command. The output voltage is clamped to voltage limit by internal clamp circuit.
Figure 34. INJECTOR LowSide driver stage
Conditions:
5.5 V ≤ VB_IN ≤ 18 V; Tj -40 to 175 °C unless otherwise specified;
Driver Status Error (STA)
Driver on/off
When the driver
output level is not
aligned with the
command on/off
The fault is latched in
MSC diagnosis
register.
On read
-
Overtemperature (OVT)
Shutdown
Driver on
Driver is put in off
state. The fault is
latched in MSC
diagnosis register.
On read
The driver restarts when the
temperature decreases. The
fault is cleared at MSC read.
Table 43. Low-side driver error handling (continued)
Type of error
Detection
condition
Action
Clear MSC
flag
Restart condition
GADG0212160751PS
PGND
OUT1/2/3/4
INJECTOR DRIVER
INJ LOAD
MSC Command
OFF state
OL & STG detection
Driver
ON state
OC & OT protection
Safety BIST control
VBAT
L/R
Table 44. Low-side driver - INJECTOR electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
INJECTOR
LS_RdsON
Low-side RdsON
Tj = 150 °C, ILOAD = 3 A
0.35
0.44
0,6
Ω
INJ1/2/3/4
LS_RdsON
-
Tj = 25°C,ILOAD = 3 A
0.22
0.3
0.31
Ω
INJ1/2/3/4
LS_RdsON
-
Tj = -40 °C, ILOAD = 3 A
0.15
0.2
0.25
Ω
INJ1/2/3/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com