Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 83 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 79Page - STMicroelectronics L9788 Datasheet HTML 80Page - STMicroelectronics L9788 Datasheet HTML 81Page - STMicroelectronics L9788 Datasheet HTML 82Page - STMicroelectronics L9788 Datasheet HTML 83Page - STMicroelectronics L9788 Datasheet HTML 84Page - STMicroelectronics L9788 Datasheet HTML 85Page - STMicroelectronics L9788 Datasheet HTML 86Page - STMicroelectronics L9788 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 264 page
background image
DS12308 Rev 4
83/264
L9788
Low-side drivers
263
7
Low-side drivers
Low-side drivers are used for power stages driving and they include:
4-channel Low-side Injectors INJ[1:4];
2-channel Low-side O2 Heaters O2H[1:2];
2-channel Low-side Solenoids SOL[1:2];
5-channel Low-side Relays RLY[1:5];
2-channel Low-side LED[1:2].
All drivers support the same failure diagnosis.
7.1
Diagnosis
The driver has the following fault diagnosis:
Overcurrent (Short To Vbat) protection in On Phase (OVC);
Open Load in Off phase (DIAGOL);
Short to Ground in Off Phase (DIAGLV);
Over Temperature Protection in On phase (OT).
When an overcurrent fault is detected the driver switches off with higher slew rate (FAST
SR) to reduce the power dissipation.
7.1.1
ON state - overcurrent protection
An overcurrent protection is present for LS transistors of each driver channel. Once the
overcurrent fault is detected the faulted power MOS is switched off and a fault bit is set. This
bit can be reset by every Read Diag Communication to re-activate the power stage in this
two condition:
The MSC command still High, when the Fault OVC Bit is read by MSC communication.
The MSC command becomes Low and then again High.
To increase EMC robustness and avoid unwanted fault triggering a small deglitch filter is
applied.
In order to avoid false OVC detection during the turn on slew rate phase, an analog blanking
time filtering strategy is implemented. This means that the OVC comparator output is
masked until the driver gate voltage has reached a threshold value which guarantees that
the slew rate phase is ended.
7.1.2
ON state - thermal protection
To protect power stages from temperature overheat (high battery range of operation, soft
short conditions, etc.) a dedicated thermal sensor placed close to power MOS is present in
the layout sensing FET temperature; One threshold is implemented (T_SD_H) with
Hysteresis (T_SD_hys). When the T_SD_H threshold is detected the Driver switches OFF.
Once the power stage has been switched-off for over-temperature detection, it will be able
to switch on again when temperature is decreased below thermal shut down threshold plus
hysteresis value to avoid high frequency on-off cycling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com