Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 57 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 53Page - STMicroelectronics L9788 Datasheet HTML 54Page - STMicroelectronics L9788 Datasheet HTML 55Page - STMicroelectronics L9788 Datasheet HTML 56Page - STMicroelectronics L9788 Datasheet HTML 57Page - STMicroelectronics L9788 Datasheet HTML 58Page - STMicroelectronics L9788 Datasheet HTML 59Page - STMicroelectronics L9788 Datasheet HTML 60Page - STMicroelectronics L9788 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 264 page
background image
DS12308 Rev 4
57/264
L9788
Main relay driver (low-side driver)
263
1.
The battery status can be determined at power up only.
2.
The key detection switches on always MRD and does not determine the battery status.
3.
Once the key detection has switched on MRD, MRD is switched off by one of these
events:
–
Clearing of all detections and phold not active (power down),
–
Watchdog power counter timeout,
–
MSC MRD OFF command when phold is active (all detections cleared).
4.
The msc_enable_driver command or trans_f error or clock monitor error does not affect
the MRD even if it is controlled by MSC commands.
5.1
ON state diagnostic
Table 25. ON state diagnostic
--
MRD
MSC
command
OVC
OVT
ON OFF
KEY_DET=1
Permanent Supply
ON
Y
N
restart by MSC
scenario 19
(see Figure 109)
Auto restart without
limit of number
scenario 21
(see Figure 111)
Non
Permanent
Supply
Before
Power up
ON
N/A N/A
Auto restart without
limit of number
scenario 12/13
(see Figure 102)
N/A
After
Power up
ON
N
N
Auto restart without
limit of number
scenario 14/27/15
(see Figure 102, 104
and 105)
Auto restart without
limit of number
scenario 26/27
(see Figure 100 and
Figure 104)
WAKE_IN_DET /
WAKE_EOT_DET /
WAKE_CAN_DET =1
KEY_DET=0
Permanent Supply
OFF
Y
Y
restart by MSC
scenario 19
(see Figure 109)
Auto restart without
limit of number
scenario 21
(see Figure 111)
Non
Permanent
Supply
Before
Power up
ON
N/A N/A
Auto restart for
MRD_EN_TIMEOUT
min 331 ms
typ 500 ms
max 650 ms
Scenario 17/18
(see Figure 102 and
107)
N/A
After
Power up
ON
N
N
No restart
scenario 31
(see Figure 108)
No restart
scenario 28
(see Figure 115)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com