Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 39Page - STMicroelectronics L9788 Datasheet HTML 40Page - STMicroelectronics L9788 Datasheet HTML 41Page - STMicroelectronics L9788 Datasheet HTML 42Page - STMicroelectronics L9788 Datasheet HTML 43Page - STMicroelectronics L9788 Datasheet HTML 44Page - STMicroelectronics L9788 Datasheet HTML 45Page - STMicroelectronics L9788 Datasheet HTML 46Page - STMicroelectronics L9788 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 264 page
background image
DS12308 Rev 4
43/264
L9788
Operation behavior
263
3.4.2
Smart Reset RSTC pin
The RSTC pin is an output active low. As output pin the Smart Reset circuit takes into
account several events in the device in order to generate the proper reset signal at RST pin
for the microcontroller and for portion of the internal logic as well.
The RSTC activates on the contributions specified by the reset matrix:
3.4.3
After run reset
Figure 16. RSTN/RSTC after run reset timing
As output:
4.8 ≤ VB_IN ≤ 18 V, Tj -40 to 175 °C unless otherwise specified;
As input:
4.8 ≤ VB_IN ≤ 18V, 4.5 ≤ VDD_IO ≤ 5.5 V, Tj -40 to 175°C unless otherwise specified;
GADG2511161017PS
KEY_IN_DET
RSTN/RSTC
TNL
WAKE_IN_DET or
WAKE_UP_EOT_DET or
WAKE_UP_CAN_DET or
PHOLD active
Table 16. Smart reset circuit electrical characteristic table 1
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
VUV_LO RSTN
Output low voltage
1 < VDD5 < VDD_UV
-
-
0.6
V
RSTN
VUV_LO RSTC
Output low voltage
1 < VDDIO< VDDIO_UV
-
-
0.6
V
RSTC
IUVres_max_RSTN
Input current
VDD5 = VDD_UV
VUV_reset = 0,6V
1-
-
mA RSTN
IUVres_max_RSTC
Input current
VDDIO= VDDIO_UV
VUV_reset = 0,6V
1-
-
mA RSTC
Table 17. Smart reset circuit electrical characteristic table 2
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
RST_L
RST input low voltage
-
-0.3
1.1
V
RSTN
RST_H
RST Input high voltage
-
2.3
VDD_IO
+0.3
VRSTN
Trst_flt_RST Reset RST filter time
Tested by scan
7.5
10
11.5
µs
RSTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com