Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 22Page - STMicroelectronics L9788 Datasheet HTML 23Page - STMicroelectronics L9788 Datasheet HTML 24Page - STMicroelectronics L9788 Datasheet HTML 25Page - STMicroelectronics L9788 Datasheet HTML 26Page - STMicroelectronics L9788 Datasheet HTML 27Page - STMicroelectronics L9788 Datasheet HTML 28Page - STMicroelectronics L9788 Datasheet HTML 29Page - STMicroelectronics L9788 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 264 page
background image
Absolute maximum ratings
L9788
26/264
DS12308 Rev 4
Figure 3. Thermal simulation set-up
2.4
Functional range
4 layer board
PCB
metal plate
Picture not to scale
Vias
TIM
- Thermal simulations carried on using typical boundaries for ECU applications:
- 4 layer board with thermal vias
- metal plate in contact with board
- Thermal interface material (TIM) between PCB and metal plate
With these boundaries and
considering uniform power on
overall chip surface, ST
package thermal resistance is:
ThetaJ-A = 10 °C/W
Boundary conditions
- TAMB = 135 °C / natural convection
GADG2411161145PS
Table 7. Functional range
Symbol
Parameter
Note
Min
Typ
Max
Unit
Pin
-
Cranking
condition
u-chip in cranking condition, reduced
operation range, main relay and
delayed off power stages keep the
status if delay-off function is triggered.
All other driver/regulators/CAN/LIN are
in off condition. See description in the
Reset Matrix Table, Section 12.10.
3.1
-
4.8
V
VB_IN
-
Low drop
condition
u-chip in low drop operation condition,
all functions are guaranteed all
parametersare guaranteed unless
specified. Vpre and VDD5 are in low
drop condition
4.8
-
7
V
VB_IN
-
Normal
condition
u-chip in normal operation condition. all
functions and parameters are
guaranteed, considering the description
range of electrical characteristic table
and parameters test set up
7
-
19
V
VB_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com