Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 97 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 93Page - STMicroelectronics L9788 Datasheet HTML 94Page - STMicroelectronics L9788 Datasheet HTML 95Page - STMicroelectronics L9788 Datasheet HTML 96Page - STMicroelectronics L9788 Datasheet HTML 97Page - STMicroelectronics L9788 Datasheet HTML 98Page - STMicroelectronics L9788 Datasheet HTML 99Page - STMicroelectronics L9788 Datasheet HTML 100Page - STMicroelectronics L9788 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 264 page
background image
DS12308 Rev 4
97/264
L9788
Low-side drivers
263
7.4
Low-side driver - SOLENOID SOL [1:2]
These 2 LowSide drivers are designed to driver Solenoid Valves Load. They are driven by
MSC command.The Output voltage is clamped to voltage limit by internal clamp circuit.
Figure 37. Solenoid valves LowSide driver stage
Conditions:
5.5 V ≤ VB_IN ≤ 18 V, Tj -40 to 175 °C unless otherwise specified.
PGND
OUT7/8
Solenoid Valve DRIVER
Valve
MSC Command
OFF state
OL & STG detection
Driver
ON state
OC & OT protection
Safety BIST control
VBAT
L/R
GADG0212160929PS
Table 47. Low-side driver - SOLENOID VALVE electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Solenoid valves
LS_RdsON
Low-side RdsON
Tj = 150 °C, ILOAD = 3 A
0.24
0.35
0.47
Ω
SOL1/2
LS_RdsON
Low-side RdsON
Tj = 25 °C, ILOAD = 3 A
0.17
0.22
0.29
Ω
SOL1/2
LS_RdsON
Low-side RdsON
Tj = -40 °C, ILOAD = 3 A
0.12
0.17
0.2
Ω
SOL1/2
OUTx_lkg
Output leakage current
Output disabled, diagnostic
off Vpin = 13.5 V
-10
-
+10
µA
SOL1/2
Irev_OUTx
Body diode reverse
current voltage drop
ILOAD = -2 A
-
-
2
V
SOL1/2
SR_ON
Voltage slew ON state
From 80% to 30% of VOUT
VB_IN = 14 V, Rload = 15 Ω,
Cload = 10 nF
0.6
-
1.75
V/µs
SOL1/2
SR_OFF
Voltage slew OFF state
From 30% to 80% of VOUT
VB_IN = 14 V, Rload = 15 Ω,
Cload = 10 nF
0.6
-
1.75
V/µs
SOL1/2
S/RGkill_LSH
FAST VS/R off when an
OVC fault happens
From 30% to 80%of VOUT
VB_IN = 14 V, Rload = 15 Ω,
Cload = 10 nF
5
-
20
V/µs
SOL1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com